Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPW5210B5F Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LPW5210B5F
Description  1.5A Power Switch with Programmable Current Limit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPW5210B5F Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LPW5210B5F Datasheet HTML 1Page - Lowpower Semiconductor inc LPW5210B5F Datasheet HTML 2Page - Lowpower Semiconductor inc LPW5210B5F Datasheet HTML 3Page - Lowpower Semiconductor inc LPW5210B5F Datasheet HTML 4Page - Lowpower Semiconductor inc LPW5210B5F Datasheet HTML 5Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LPW5210-03
Nov.-2012
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 5
Preliminary Datasheet
LPW5210
Functional Pin Description
Package Type
Pin Configurations
SOT23-5
EN
GND
VIN
VOUT
1
2
3
4
5
Top View
ISET
Pin Description
Pin
Name
Description
1
VOUT
Output to system pin.
2
GND
Ground.
3
ISET
Connect a resistor to GND for setting current limit.
4
EN
Device Enable (active High).
5
VIN
Input pin.
Function Block Diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com