Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DB433 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 9DB433
Description  FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB433 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 9DB433 Datasheet HTML 10Page - Renesas Technology Corp 9DB433 Datasheet HTML 11Page - Renesas Technology Corp 9DB433 Datasheet HTML 12Page - Renesas Technology Corp 9DB433 Datasheet HTML 13Page - Renesas Technology Corp 9DB433 Datasheet HTML 14Page - Renesas Technology Corp 9DB433 Datasheet HTML 15Page - Renesas Technology Corp 9DB433 Datasheet HTML 16Page - Renesas Technology Corp 9DB433 Datasheet HTML 17Page - Renesas Technology Corp 9DB433 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
9DB433
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
IDT®
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
14
9DB433
MAY 25, 2018
Package Outline Drawings (28-pin SSOP)
INDEX
AREA
1 2
28
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
b
.10 (.004)
C
c
L
MIN
MAX
MIN
MAX
A--
2.00
--
.079
A1
0.05
--
.002
--
A2
1.65
1.85
.065
.073
b
0.22
0.38
.009
.015
c
0.09
0.25
.0035
.010
D
E
7.40
8.20
.291
.323
E1
5.00
5.60
.197
.220
e
L
0.55
0.95
.022
.037
N
0°
8°
0°
8°
VARIATIONS
MIN
MAX
MIN
MAX
28
9.90
10.50
.390
.413
209 mil SSOP
SYMBOL
In Millimeters
In Inches
COMMON DIMENSIONS COMMON DIMENSIONS
SEE VARIATIONS
SEE VARIATIONS
0.65 BASIC
0.0256 BASIC
Reference Doc.: JEDEC Publication 95, MO-150
SEE VARIATIONS
SEE VARIATIONS
N
D mm.
D (inch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com