Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DB233AFILFT Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 9DB233AFILFT
Description  TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB233AFILFT Datasheet(HTML) 1 Page - Renesas Technology Corp

  9DB233AFILFT Datasheet HTML 1Page - Renesas Technology Corp 9DB233AFILFT Datasheet HTML 2Page - Renesas Technology Corp 9DB233AFILFT Datasheet HTML 3Page - Renesas Technology Corp 9DB233AFILFT Datasheet HTML 4Page - Renesas Technology Corp 9DB233AFILFT Datasheet HTML 5Page - Renesas Technology Corp 9DB233AFILFT Datasheet HTML 6Page - Renesas Technology Corp 9DB233AFILFT Datasheet HTML 7Page - Renesas Technology Corp 9DB233AFILFT Datasheet HTML 8Page - Renesas Technology Corp 9DB233AFILFT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DATASHEET
TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
9DB233
IDT®
TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
1
9DB233
OCTOBER 20, 2016
Description
The 9DB233 zero-delay buffer supports PCIe Gen3
requirements, while being backwards compatible to PCIe
Gen2 and Gen1. The 9DB233 is driven by a differential
SRC output pair from an IDT 932S421 or 932SQ420 or
equivalent main clock generator. It attenuates jitter on the
input clock and has a selectable PLL bandwidth to
maximize performance in systems with or without
Spread-Spectrum clocking. An SMBus interface allows
control of the PLL bandwidth and bypass options, while 2
clock request (OE#) pins make the 9DB233 suitable for
Express Card applications.
Recommended Application
2 output PCIe Gen3 zero-delay/fanout buffer
Output Features
• 2 - 0.7V current mode differential HCSL output pairs
Features/Benefits
• OE# pins; suitable for Express Card applications
• PLL or bypass mode; PLL can dejitter incoming clock
• Selectable PLL bandwidth; minimizes jitter peaking in
downstream PLL's
• Spread Spectrum Compatible; tracks spreading input
clock for low EMI
• SMBus Interface; allows control of PLL BW and Mode
Key Specifications
• Cycle-to-cycle jitter < 50 ps
• Output-to-output skew < 50 ps
• PCIe Gen3 phase jitter < 1.0ps RMS
Block Diagram
SPREAD
COMPATIBLE
PLL
CONTROL
LOGIC
SMBDAT
SMBCLK
SRC_IN
SRC_IN#
PLL_BW
IREF
DIF_0
DIF_1
OE1#
OE0#


Similar Part No. - 9DB233AFILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DB233AFILFT IDT-9DB233AFILFT Datasheet
198Kb / 14P
Two Output Differential Buffer for PCIe Gen3
More results

Similar Description - 9DB233AFILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DB233 IDT-9DB233 Datasheet
198Kb / 14P
Two Output Differential Buffer for PCIe Gen3
9DB633 IDT-9DB633 Datasheet
238Kb / 14P
Six Output Differential Buffer for PCIe Gen3
9DB1233 IDT-9DB1233 Datasheet
187Kb / 15P
Twelve Output Differential Buffer for PCIe Gen3
9DB1933 IDT-9DB1933 Datasheet
186Kb / 17P
Nineteen Output Differential Buffer for PCIe Gen3
ICS9DB102 IDT-ICS9DB102_10 Datasheet
187Kb / 13P
Two Output Differential Buffer for PCIe Gen1 & Gen2
logo
Renesas Technology Corp
9DB233 RENESAS-9DB233 Datasheet
376Kb / 18P
TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
OCTOBER 20, 2016
9DB1233 RENESAS-9DB1233 Datasheet
495Kb / 18P
12-Output Differential Buffer for PCIe Gen3
December 17, 2019
9DB1933 RENESAS-9DB1933 Datasheet
329Kb / 18P
Nineteen Output Differential Buffer for PCIe Gen3
07/12/10
9DB633 RENESAS-9DB633 Datasheet
332Kb / 15P
Six Output Differential Buffer for PCIe Gen3
10/20/16
9ZX21200 RENESAS-9ZX21200 Datasheet
9Mb / 18P
12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN3 AND QPI
REV D 041513
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com