Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4NS-2CF Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D4NS-2CF
Description  Safety-door Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NS-2CF Datasheet(HTML) 4 Page - Omron Electronics LLC

  D4NS-2CF Datasheet HTML 1Page - Omron Electronics LLC D4NS-2CF Datasheet HTML 2Page - Omron Electronics LLC D4NS-2CF Datasheet HTML 3Page - Omron Electronics LLC D4NS-2CF Datasheet HTML 4Page - Omron Electronics LLC D4NS-2CF Datasheet HTML 5Page - Omron Electronics LLC D4NS-2CF Datasheet HTML 6Page - Omron Electronics LLC D4NS-2CF Datasheet HTML 7Page - Omron Electronics LLC D4NS-2CF Datasheet HTML 8Page - Omron Electronics LLC D4NS-2CF Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
D4NS/D4NS-SK
4
Slide Keys
D4NS-SK01
Configration
Ideal for 20 x 20-mm
aluminum frame doors
D4NS 1-conduit type
D4NS-SK01
Can be mounted directly to a
20 x 20 mm aluminum frame.
Note: The D4NS-9AF Safety-door Switch
(with M12 connector) is sold separately.
Can be mounted directly to a
20 x 20 mm aluminum frame.
Release door lock.
1
Open door.
2
Close door.
3
Lock door.
4
Note: Assess risk before implementing
safety measures for the equipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com