Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV524A Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSV524A
Description  High merit factor (1.15 MHz for 45 μA) rail-to-rail 5 V op amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV524A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSV524A Datasheet HTML 12Page - STMicroelectronics TSV524A Datasheet HTML 13Page - STMicroelectronics TSV524A Datasheet HTML 14Page - STMicroelectronics TSV524A Datasheet HTML 15Page - STMicroelectronics TSV524A Datasheet HTML 16Page - STMicroelectronics TSV524A Datasheet HTML 17Page - STMicroelectronics TSV524A Datasheet HTML 18Page - STMicroelectronics TSV524A Datasheet HTML 19Page - STMicroelectronics TSV524A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
5.8
PCB layouts
For correct operation, it is advised to add 10 nF decoupling capacitors as close as possible to the power supply
pins.
5.9
Macromodel
Accurate macromodels of the TSV52x, TSV52xA devices are available on STMicroelectronics™ website at
www.st.com. These models are a trade-off between accuracy and complexity (that is, time simulation) of the
TSV52x, TSV52xA operational amplifiers. They emulate the nominal performance of a typical device within the
specified operating conditions mentioned in the datasheet. They also help to validate a design approach and to
select the appropriate operational amplifier, but they do not replace onboard measurements.
TSV521, TSV522, TSV524,TSV521A, TSV522A, TSV524A
Application information
DS8862 - Rev 4
page 16/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com