Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER318HDTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # VIPER318HDTR
Description  Energy saving offline high voltage converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER318HDTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VIPER318HDTR Datasheet HTML 12Page - STMicroelectronics VIPER318HDTR Datasheet HTML 13Page - STMicroelectronics VIPER318HDTR Datasheet HTML 14Page - STMicroelectronics VIPER318HDTR Datasheet HTML 15Page - STMicroelectronics VIPER318HDTR Datasheet HTML 16Page - STMicroelectronics VIPER318HDTR Datasheet HTML 17Page - STMicroelectronics VIPER318HDTR Datasheet HTML 18Page - STMicroelectronics VIPER318HDTR Datasheet HTML 19Page - STMicroelectronics VIPER318HDTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Figure 26. Soft startup
Soft start phase
Steady state
time
time
IDLIM
tSS
IDRAIN
VOUT
time
VCOMP
VCOMPH
VOUT
4.6
Oscillator
The IC embeds a fixed frequency oscillator with jittering feature. The switching frequency is modulated by
approximately ±7%·FOSC at 200 Hz rate. The purpose of the jittering is to get a spread-spectrum action that
distributes the energy of each harmonic of the switching frequency over a number of frequency bands, having the
same energy on the whole but smaller amplitudes. This helps to reduce the conducted emissions, especially
when measured with the average detection method or, which is the same, to pass the EMI tests with an input filter
of smaller size with respect to the one that should be needed in absence of jittering feature. Three switching
frequency options, FOSC, are available: 30 kHz (X type), 60 kHz (L type) and 132 kHz (H type).
4.7
Pulse skipping
The IC embeds a pulse skip circuit that operates in the following way:
Each time the DRAIN peak current exceeds IDLIM level within tON_MIN, the next switching cycle is skipped.
The cycles can be skipped until the minimum switching frequency FOSC_MIN (15 kHz) is reached.
Each time the DRAIN peak current does not exceed IDLIM within tON_MIN, the next switching cycle is
restored. The cycles can be restored until the nominal switching frequency FOSC is reached.
The protection is intended in order to avoid the so called “flux runaway” condition often present at converter
startup and due to the fact that the primary MOSFET, which is turned on by the internal oscillator, cannot be
turned off before the minimum on-time.
During the on-time, the inductor is charged through the input voltage and, if it cannot be discharged by the same
amount during the off-time, in every switching cycle there is a net increase of the average inductor current, that
can reach dangerously high values until the output capacitor is not charged enough to ensure the inductor
discharge rate needed for the volt-second balance. This condition is common at converter startup, because of the
low output voltage.
In the following Figure 27. Pulse skipping during startup the effect of pulse skipping feature on the DRAIN peak
current shape is shown (solid line), compared with the DRAIN peak current shape when pulse skipping feature is
not implemented (dashed line). Providing more time for cycle-by-cycle inductor discharge when needed, this
feature is effective in keeping low the maximum DRAIN peak current avoiding the flux runaway condition.
VIPER31
General description
DS13285 - Rev 6
page 16/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com