Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78L06ACUTR Datasheet(PDF) 29 Page - STMicroelectronics

Part # L78L06ACUTR
Description  Positive voltage regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L06ACUTR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L78L06ACUTR Datasheet HTML 25Page - STMicroelectronics L78L06ACUTR Datasheet HTML 26Page - STMicroelectronics L78L06ACUTR Datasheet HTML 27Page - STMicroelectronics L78L06ACUTR Datasheet HTML 28Page - STMicroelectronics L78L06ACUTR Datasheet HTML 29Page - STMicroelectronics L78L06ACUTR Datasheet HTML 30Page - STMicroelectronics L78L06ACUTR Datasheet HTML 31Page - STMicroelectronics L78L06ACUTR Datasheet HTML 32Page - STMicroelectronics L78L06ACUTR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
Table 27. SOT-89 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.40
1.60
B
0.44
0.56
B1
0.36
0.48
C
0.35
0.44
C1
0.35
0.44
D
4.40
4.60
D1
1.62
1.83
D3
0.90
E
2.29
2.60
e
1.42
1.57
e1
2.92
3.07
H
3.94
4.25
H1
2.70
3.10
K
1°
8°
L
0.89
1.20
R
0.25
β
90°
L78L
Package information
DS0424 - Rev 30
page 29/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com