Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22Z-R25 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Switch (22-dia./25-dia.)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 5Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
A22E
9
Characteristics
*1. With no icing or condensation.
*2. Malfunction within 1 ms.
*3. Setting and resetting once is counted as one operation.
*4. The degree of protection from the front of the panel.
Structure and Nomenclature
Type
Emergency Stop Switches
Item
Non-lighted model: A22E
Lighted model: A22EL
Allowable operating
frequency
Mechanical
30 operations/minute
*3
Electrical
30 operations/minute
*3
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
Between terminals of same polarity 2,500 VAC, 50/60 Hz for 1 min
Between each terminal and ground 2,500 VAC, 50/60 Hz for 1 min
Vibration resistance
*2
10 to 55 Hz, 1.5-mm double amplitude (within 1 ms)
Shock resistance
Destruction
1,000 m/s2
Malfunction
*2
250 m/s2 max.
Durability
Mechanical
300,000 operations min.
*3
Electrical
300,000 operations min.
*3
Ambient operating temperature
*1
−20 to 70°C
−20 to 55°C
Ambient operating humidity
35% to 85%
Ambient storage temperature
−40 to 70°C
Degree of protection
IP65 (oil-resistant)
*4
IP65
*4
Electric shock protection class
Class II
PTI (tracking characteristic)
175
Degree of contamination
3 (EN60947-5-1)
(The above figures are examples
of the lighted model.)
Color: Red
Non-lighted
Lighted
Note: The Operation Unit of A22E exept models with EMO/EMS indication is red. (The engraved mark is not white.)
Light source
• LED Lamp
• Incandescent Lamp
Contact Ratings
10 A at 110 VAC (resistive load)
10 A at 24 VDC (resistive load)
Lighting Method
Non-lighted
Lighted (without Voltage Reduction Unit)
Lighted (with Voltage Reduction Unit)
Lock Plate (Attached with the Operation Unit)
(Refer to the Mounting the Lock Plate on page 17 for use.)
Operation Unit
Lamp
Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com