Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

254TA103C50A Datasheet(PDF) 2 Page - CTS Corporation

Part # 254TA103C50A
Description  Two Axis, Micro-stick Controller With Optional Momentary Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

254TA103C50A Datasheet(HTML) 2 Page - CTS Corporation

  254TA103C50A Datasheet HTML 1Page - CTS Corporation 254TA103C50A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
CTS Series 254
B
103
C
50
A
RESISTANCE
B – ±20%
C – ±30%
SWITCH
CONFIGURATION
A – W/O SWITCH
B – MOMENTARY
ELECTRICAL
ANGLE
60 – 60º
Operating Temperature
Operating: -10°C to +70°C
Soldering Heat Resistance
Electrical and Mechanical Specifications
CODE RESISTANCE
103
10K
104
100K
DRIVE ARM LENGTH
DIM "L"
A – 9.3 mm
B – 12.0 mm
LENGTH FROM
MOUNTING SURFACE
Potentiometer 1 & 2
Mounting Information
Through Hole or SMD Terminal
2 - 2
05/24/07
CTS Electronic Components
www.ctscorp.com
50 – 50º
DIMENSION: mm
6.50
4.65
5.40 CENT.
Ø
03
.1
)2
(
1.50 (8)
VR1
2
3
VR2
1'
2'
3'
a
b
5.40 CENT.(2)
8.00 CENT.
0.60
2.20
R
5
7.
0
.P
Y
T
60° -10°
0°
0.30 (4)
3.00 CENT.
Ø 1.45 -0.04
0.00
5.15 REF.
4.70 CENT.
Ø 1.20 (2)
0.71 -0.05
0.00
C 0.25
6.60
4.60
Ø
0
4.
1
)6
(
5.40 CENT.
Ø
0
3.
1
)2
(
VR1
2
3
VR2
1'
2'
3'
2
VR1
VR2
2'
1'
3'
a
b
a
b
8.00 CENT.
2.20
R
57.
0
.P
Y
T
0.60
5.40 CENT.(2)
60° - 10°
0°
4.60
6.60
3.00 CENT.
0.20 (8)
0.30
Ø 1.45 -0.04
0.00
1.00 (8)
4.70 CENT.
5.15 REF.
4.60
6.60
Ø 1.20 (2)
0.71 - 0.05
0.00
C 0.25
CIRCUIT
RECOMMENDED PCB MOUNTING HOLE
RECOMMENDED SURFACE MOUNT PAD LAYOUTS
ROTATION CENTER
ROTATION CENTER
TERMINAL STYLE
T – THROUGH HOLE
S – SMD
T
254
STANDARD PART (QUICK DELIVERY, IVORY COLOR) - 254TA103C50A, 254TA103C50B, 254SA103C50A, 254SA103C50B
1
3
260±5°C for 5 seconds
SMD Style
Through Hole Style
TOLERANCE
SWITCH
RESISTANCE CODE
EXAMPLES
© 2007 CTS Corporation. All rights reserved. Information subject to change.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com