Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE556 Datasheet(PDF) 1 Page - STMicroelectronics

Part # NE556
Description  GENERAL PURPOSE DUAL BIPOLAR TIMERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NE556 Datasheet(HTML) 1 Page - STMicroelectronics

  NE556 Datasheet HTML 1Page - STMicroelectronics NE556 Datasheet HTML 2Page - STMicroelectronics NE556 Datasheet HTML 3Page - STMicroelectronics NE556 Datasheet HTML 4Page - STMicroelectronics NE556 Datasheet HTML 5Page - STMicroelectronics NE556 Datasheet HTML 6Page - STMicroelectronics NE556 Datasheet HTML 7Page - STMicroelectronics NE556 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
s LOW TURN OFF TIME
s MAXIMUM OPERATING FREQUENCY
GREATER THAN 500kHz
s TIMING FROM MICROSECONDS TO
HOURS
s OPERATES IN BOTH ASTABLE AND
MONOSTABLE MODES
s HIGH OUTPUT CURRENT CAN SOURCE
OR SINK 200mA
s ADJUSTABLE DUTY CYCLE
s TTL COMPATIBLE
s TEMPERATURE STABILITY OF 0.005%
PER°C
DESCRIPTION
The NE556 dual monolithic timing circuit is a high-
ly stable controller capable of producing accurate
time delays or oscillation. In the time delay mode
of operation, the time is precisely controlled by
one external resistor and capacitor. For a stable
operation as an oscillator, the free running fre-
quency and the duty cycle are both accurately
controlled with two external resistors and one ca-
pacitor.
The circuit may be triggered and reset on falling
waveforms, and the output structure can source or
sink up to 200mA.
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature Range
Package
ND
NE556
0°C, 70°C
••
SA556
-40°C, 105°C
••
SE556
-55°C, 125°C
••
N
DIP14
(Plastic Package)
D
SO14
(Plastic Micropackage)
Trigger
Output
Control Voltage
4
8
5
6
7
9
10
11
12
13
14
Trigger
Threshold
Discharge
Reset
Output
Discharge
GND
1
2
3
Threshold
Control Voltage
Reset
CC
V
NE556
SA556 - SE556
GENERAL PURPOSE DUAL BIPOLAR TIMERS
June 2003


Similar Part No. - NE556

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE556 PHILIPS-NE556 Datasheet
103Kb / 5P
Dual timer
August 31, 1994
logo
Texas Instruments
NE556 TI-NE556 Datasheet
71Kb / 5P
DUAL PRECISION TIMERS
logo
Fairchild Semiconductor
NE556 FAIRCHILD-NE556 Datasheet
44Kb / 8P
Dual Timer
logo
STMicroelectronics
NE556 STMICROELECTRONICS-NE556 Datasheet
517Kb / 16P
General-purpose dual bipolar timers
27-Jan-2009
logo
Texas Instruments
NE556 TI-NE556 Datasheet
755Kb / 19P
DUAL PRECISION TIMERS
More results

Similar Description - NE556

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555 INTERSIL-ICM7555_06 Datasheet
287Kb / 12P
General Purpose Timers
August 24, 2006
logo
STMicroelectronics
NE555 STMICROELECTRONICS-NE555_07 Datasheet
494Kb / 20P
General purpose single bipolar timers
15-Mar-2007
NE555 STMICROELECTRONICS-NE555_95 Datasheet
142Kb / 10P
GENERAL PURPOSE SINGLE BIPOLAR TIMERS
Apr-1995
NE555 STMICROELECTRONICS-NE555_12 Datasheet
1Mb / 20P
General-purpose single bipolar timers
January 2012 Rev 6
NE556 STMICROELECTRONICS-NE556_09 Datasheet
517Kb / 16P
General-purpose dual bipolar timers
27-Jan-2009
SA555DT STMICROELECTRONICS-SA555DT Datasheet
1Mb / 20P
General-purpose single bipolar timers
04-Jan-2012
NE556DT STMICROELECTRONICS-NE556DT Datasheet
517Kb / 16P
General-purpose dual bipolar timers
27-Jan-2009
logo
Intersil Corporation
ICM7555CBA INTERSIL-ICM7555CBA Datasheet
289Kb / 12P
General Purpose Timers
August 24, 2006
logo
Analog Devices
ADUCM322I AD-ADUCM322I Datasheet
464Kb / 23P
general-purpose timers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com