Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4N-2FLE Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # D4N-2FLE
Description  Safety Limit Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4N-2FLE Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button D4N-2FLE Datasheet HTML 9Page - Omron Electronics LLC D4N-2FLE Datasheet HTML 10Page - Omron Electronics LLC D4N-2FLE Datasheet HTML 11Page - Omron Electronics LLC D4N-2FLE Datasheet HTML 12Page - Omron Electronics LLC D4N-2FLE Datasheet HTML 13Page - Omron Electronics LLC D4N-2FLE Datasheet HTML 14Page - Omron Electronics LLC D4N-2FLE Datasheet HTML 15Page - Omron Electronics LLC D4N-2FLE Datasheet HTML 16Page - Omron Electronics LLC D4N-2FLE Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
D4N
13
1-conduit Models
Note: Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
*1. The usable range for stainless steel wires and resin rods is 35 mm max. from the end with a total travel of 70 mm max.
*2. In terms of construction, the Switch is a General-purpose Limit Switch rather than a Safety Limit Switch.
Slow-action (1NC/1NO) (2NC/1NO) (2NC) (3NC)
Note: Variation occurs in the simultaneity of contact opening/closing
operations of 2NC, 2NC/1NO, and 3NC contacts. Check
contact operation.
Snap-action (1NC/1NO) (2NC), Slow-action (2NC) (3NC)
20.5
× 20.5
Two, 4
+0.15 dia. holes
Depth: 5
0
Fork Lever Lock
(Right Operation)
*2
D4N-2
@RE
D4N-4
@RE
2.15
±0.05R
mounting
holes
30
27.5
11
±0.2
47 max.
39.3
±1
(27.2)
21.5
22
±0.2
31 max.
55
47
±0.2
2.5
9
±0.2
26R
90
°
18
20
±0.1
22
±0.1
14.2
Two, 17.5 dia.
× 8 rubber
rollers
Conduit cap
Two, 4
+0.15 dia. holes
Depth: 5
0
Fork Lever Lock
(Left Operation)
*2
D4N-2
@LE
D4N-4
@LE
2.15
±0.05R
mounting holes
Two, 17.5 dia.
×
8 rubber rollers
30
27.5
11
±0.2
39.3
±1
(27.2)
21.5
22
±0.2
31 max.
55
47
±0.2
2.5
9
±0.2
26R
90
°
18
20
±0.1
22
±0.1
14.2
47 max.
20.5
× 20.5
Conduit cap
Two, 4
+0.15 dia. holes
Depth: 5
0
Cat Whisker
*2
D4N-2
@80
D4N-4
@80
1.2-dia.
stainless
steel wire
*1
2.15
±0.05R
mounting holes
30
(31.5)
11
±0.2
21.5
22
±0.2
31 max.
55
47
±0.2
2.5
9
±0.2
(50.1)
PT
143.1
20
±0.1
22
±0.1
14.2
20.5
× 20.5
Sealing cap
16.6 dia.
Conduit cap
Two, 4
+0.15 dia. holes
Depth: 5
0
Plastic Rod
*2
D4N-2
@87
D4N-4
@87
2.15
±0.05R
mounting holes
30
(31.5)
11±0.2
22±0.2
31 max.
55
115
38
42
12±0.2
47±0.2
2.5
PT
20±0.1
22±0.1
14.2
21.5
9±0.2
Resin rod
*1
20.5
×
20.5
Sealing cap
16.6 dia.
Conduit cap
Model
Operating characteristics
D4N-
@@RE
D4N-
@@LE
Force necessary to reverse
the direction of the lever:
max.
6.4 N
6.4 N
Movement until the lever
reverses
55
±10°
55
±10°
Movement until switch
operation (NC)
(6.5
°)
(MBB: 10
°)
(6.5
°)
(MBB: 10
°)
Movement until switch
operation (NO)
(18.5
°)
(MBB: 5
°)
(18.5
°)
(MBB: 5
°)
Model
Operating characteristics
D4N-
@@80
D4N-
@@87
Operating force
OF max.
1.5 N
1.5 N
Pretravel
PT max.
15
°
15
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com