Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD1NK60 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # STD1NK60
Description  isc N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STD1NK60 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  STD1NK60 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STD1NK60 Datasheet HTML 2Page - Inchange Semiconductor Company Limited STD1NK60 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc N-Channel MOSFET Transistor
STD1NK60
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0V; ID= 1mA
600
--
--
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID= 1mA
2.25
--
3.7
V
RDS(on)
Drain-Source Saturation Voltage
VGS= 10V; ID= 0.5A
--
--
8.5
Ω
IGSS
Gate-Body Leakage Current
VGS=±30V; VDS= 0V
--
--
±
100
nA
IDSS
Zero Gate Voltage Drain Current
VDS=600V; VGS= 0V
--
--
1.0
uA
Ciss
Input Capacitance
VGS= 0V; VDS= 25V;
f=1.0MHz
--
275
--
pF
Coss
Output Capacitance
--
20
--
Crss
Reverse transfer Capacitance
--
5
--
td(on)
Turn-on Delay Time
VDD=300V;ID=1.0A
RG=27Ω
--
19.2
--
ns
tr
Rise Time
--
38
--
td(off)
Turn -Off Delay Time
--
49
--
tf
Fall Time
--
27.5
--
Qg
Total Gate Charge
ID=1.0A, VDS=480V
VGS=10V
--
6.6
--
nC
Qgs
Gate-to-Source Charge
--
1.4
--
Qgd
Gate-to-Drain Charge
--
2.0
--
IS
Continuous Diode Forward Current
--
--
1.0
A
VSD
Diode Forward Voltage
IS= 1.0A; VGS= 0V
--
--
1.6
V
trr
Reverse Recovery Time
Tj=25°C,IS=1.0A
di/dt=100A/μs
--
180
--
ns
Qrr
Reverse Recovery Charge
--
1.07
--
nC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com