Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS20 Datasheet(PDF) 1 Page - FLEXTRAL

Part # MS20
Description  MS20 Yellow Mine Spray Air/Water
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

MS20 Datasheet(HTML) 1 Page - FLEXTRAL

  MS20 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MS20 Yellow Mine Spray Air/Water
www.
.com
V04.21
Application:
Flextral Mine Spray hose is ideal for the toughest air and water applications wherever
there is a severe application in mining, underground mining, oilfields, steel mills, and scrap
yards.
Construction:
Tube - Synthetic rubber
Reinforcement - High-tensile steel wire
Cover - Yellow, perforated synthetic rubber; MSHA approved
Branding - FLEXTRAL 1/2” HEAVY DUTY AIR/WATER 1000 PSI WP MSHA
Temperature Range:
-35°C to +100°C (-31°F to +212°F)
Part No.
I.D.
Inches
O.D.
Inches
Max W.P.
PSI
Bend Radius
Inches
Weight
lbs / ft
Standard
Lengths
MS20-050
Z|x
0.91
1,000
6.02
0.37
50’/100’
MS20-075
C\v
1.10
1,000
8.98
0.41
50’/100’
MS20-100
1
1.34
1,000
11.81
0.55
50’/100’
MS20-125
1Z\v
1.63
1,000
15.12
0.74
50’/100’
MS20-150
1Z\x
1.89
1,000
17.95
0.95
50’/100’
MS20-200
2
2.44
1,000
24.00
1.47
50’/100’
*Call for additional fittings, lengths and assemblies.


Similar Part No. - MS20

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MS20 MOSPEC-MS20 Datasheet
234Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,20-40V)
logo
Weitron Technology
MS20 WEITRON-MS20 Datasheet
452Kb / 3P
Surface Mount Schottky Power Rectifier
logo
Altech corporation
MS20 ALTECH-MS20 Datasheet
774Kb / 8P
MS016
logo
AVX Corporation
MS20 AVX-MS20 Datasheet
178Kb / 2P
MIS/MOS Single Layer Capacitors Metal Insulator Semiconductor/Metal Oxide Semiconductor
logo
Kingston Technology Far...
MS200 KINGSTON-MS200 Datasheet
524Kb / 2P
Save space, time and money.
More results

Similar Description - MS20

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3002 NTE-NTE3002 Datasheet
26Kb / 2P
Light Emitting Diode Water Clear, Yellow
logo
List of Unclassifed Man...
SSL-LXA223YC ETC2-SSL-LXA223YC Datasheet
45Kb / 1P
AXIA LED YELLOW WATER CLEAR
SPL00501031ST ETC2-SPL00501031ST Datasheet
436Kb / 5P
Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
logo
MTU Onsite Energy Corpo...
DS1050D5S MTU-DS1050D5S Datasheet
1Mb / 4P
DIESEL GENERATOR SET WATER CHARGE-AIR COOLING
DS1140D5S MTU-DS1140D5S Datasheet
1Mb / 4P
DIESEL GENERATOR SET WATER CHARGE-AIR COOLING
MTU18V2000DS1290 MTU-MTU18V2000DS1290 Datasheet
1Mb / 4P
WATER CHARGE-AIR COOLING
logo
STANLEY ELECTRIC CO.,LT...
VFHY1104P-4C42D-TR STANLEY-VFHY1104P-4C42D-TR Datasheet
682Kb / 21P
1608 Size, water clear lens, Emitting color : Yellow
logo
PHOENIX CONTACT
2904950 PHOENIX-2904950 Datasheet
379Kb / 21P
PSR-MS20 / PSR-MS25
logo
List of Unclassifed Man...
SE4002 ETC1-SE4002 Datasheet
900Kb / 3P
spray extraction cleaner
logo
3M Electronics
26832 3M-26832 Datasheet
306Kb / 7P
Performance Spray Gun
Apr-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com