Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD64001 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # PD64001
Description  1-Port PoE Manager
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD64001 Datasheet(HTML) 2 Page - Microsemi Corporation

  PD64001 Datasheet HTML 1Page - Microsemi Corporation PD64001 Datasheet HTML 2Page - Microsemi Corporation PD64001 Datasheet HTML 3Page - Microsemi Corporation PD64001 Datasheet HTML 4Page - Microsemi Corporation PD64001 Datasheet HTML 5Page - Microsemi Corporation PD64001 Datasheet HTML 6Page - Microsemi Corporation PD64001 Datasheet HTML 7Page - Microsemi Corporation PD64001 Datasheet HTML 8Page - Microsemi Corporation PD64001 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
P
PD
D6
64
40
00
01
1 1
1--P
Po
orrtt P
Po
oE
E M
Ma
an
na
ag
ge
err D
Da
atta
as
sh
he
ee
ett
Preliminary
Microsemi
Analog Mixed Signal Group
1 Hanagar st., P.O/ Box 7220 Hod Hasharon 45421, Israel Tel: +972-9-7755100 Fax: +972-9-7755111
page
2
Copyright
© 2008
Rev. 0.4 2008-05-08
Main Features Description___________________________________________
Feature
Description
PD64001 features
IEEE 802.3af-2003
Compliant
The PD64001 meets all IEEE-802.3af-2003 standard requirements such as:
• Multi – point resistor detection
• PD classification function
• AC disconnect and DC disconnect function
• Supports Back-off feature for Midspan implementation
IEEE802.3at/D3.0
Compliant
Including support for high power and 2-events classification.
Single DC Voltage Input
The PD64001 requires a single DC voltage source: 46V to 57V. No additional voltage sources
(e.g. 3.3V/5V) are required for the PoE system’s operation.
Wide temperature range:
-40°c to +85°c
The PD64001 can operate over a wide temperature range: -40°c to +85°c.
This wide temperature range allows the integration of the PD64001, into small unventilated
boxes and operates in harsh environments.
Low thermal dissipation
(1Ω sense resistor)
The PD64001 has a very low thermal dissipation. The Rsense in PD64001 applications is only
1Ω to keep the peripheral components in low temperatures as well.
External Power FET
External Mosfet, increasing the flexibility of the solution and allowing it to be tailored for the
power needs of the customer.
H/W Disable Port
The PD64001 utilizes a dedicated pin, allowing an immediate disconnection of the PoE port.
This disable-port pin can be controlled via the Host CPU.
Pre-Standard PD
Detection
Enables detection and powering of pre-standard power devices (PDs).
Detection of Cisco
Devices
Enables detection and powering of all Cisco devices including pre-standard terminals.
LED Support
Direct driving of the LED circuitry. It allows the designer to implement a simple LED circuit,
indicating whether an IEEE802.3af or IEEE802.3at device is connected.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com