Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS972IQT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS972IQT
Description  Output rail-to-rail very low noise operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS972IQT Datasheet(HTML) 1 Page - STMicroelectronics

  TS972IQT Datasheet HTML 1Page - STMicroelectronics TS972IQT Datasheet HTML 2Page - STMicroelectronics TS972IQT Datasheet HTML 3Page - STMicroelectronics TS972IQT Datasheet HTML 4Page - STMicroelectronics TS972IQT Datasheet HTML 5Page - STMicroelectronics TS972IQT Datasheet HTML 6Page - STMicroelectronics TS972IQT Datasheet HTML 7Page - STMicroelectronics TS972IQT Datasheet HTML 8Page - STMicroelectronics TS972IQT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
December 2007
Rev 6
1/17
17
TS971-TS972-TS974
Output rail-to-rail very low noise operational amplifier
Features
■ Rail-to-rail output voltage swing
±2.4V @ VCC = ±2.5V
■ Very low noise level: 4nV/
√Hz
■ Ultra low distortion: 0.003%
■ High dynamic features: 12MHz, 4V/µs
■ Operating range: 2.7V to 10V
■ ESD protection (2kV)
■ Latch-up immunity (class A)
Applications
■ Portable equipment (CD players, PDA)
■ Portable communications (cell phones,
pagers)
■ Instrumentation & sensoring
■ Professional audio circuits
Description
The TS97x family of operational amplifiers
operates with voltages as low as ±1.35V and
features output rail-to-rail signal swing. The
TS97x are particularly well suited for portable and
battery-supplied equipment. Very low noise and
low distortion characteristics make them ideal for
audio pre-amplification.
The TS971 is available in a variety of packages to
suit all types of applications. For applications
where space-saving is critical, the SOT23
package (2.8 x 2.9mm) or the DFN package
(3 x 3mm) simplify the board design because they
can be placed everywhere.
TS971ILT (SOT23-5L)
1
2
3
4
5
Inverting input
Non-inverting input
Output
VDD
VCC
TS971ID-TS971IDT (SO-8)
1
2
3
4
5
6
7
8
-
+
Inverting Input 1
N.C.
Non-inverting Input 1
V DD
VCC
Output 2
N.C.
N.C.
1
2
3
45
6
7
8
-
+
-
+
Inverting Input 1
Output 1
Non-inverting Input 1
VDD
VCC
Output 2
Inverting Input 2
Non-inverting Input 2
TS972IN (DIP8)
TS972ID-TS972IDT (SO-8)
TS972IPT (TSSOP8)
TS972IQT (DFN8)
1
2
3
45
6
7
8
Output 1
Inverting Input 1
Non Inverting Input 1
VDD
VCC
Output 2
Inverting Input 2
Non Inverting Input 2
1
2
3
45
6
7
8
Output 1
Inverting Input 1
Non Inverting Input 1
VDD
VCC
Output 2
Inverting Input 2
Non Inverting Input 2
TS974IN (DIP14)
TS974ID-TS974IDT (SO-14)
TS974IPT (TSSOP14)
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
DD
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
CC
V
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
www.st.com


Similar Part No. - TS972IQT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS972I STMICROELECTRONICS-TS972I Datasheet
114Kb / 12P
OUTPUT RAIL TO RAIL VERY LOWNOISE OPERATIONAL AMPLIFIERS
Aug-1999
TS972ID STMICROELECTRONICS-TS972ID Datasheet
114Kb / 12P
OUTPUT RAIL TO RAIL VERY LOWNOISE OPERATIONAL AMPLIFIERS
Aug-1999
TS972IN STMICROELECTRONICS-TS972IN Datasheet
114Kb / 12P
OUTPUT RAIL TO RAIL VERY LOWNOISE OPERATIONAL AMPLIFIERS
Aug-1999
TS972IPT STMICROELECTRONICS-TS972IPT Datasheet
114Kb / 12P
OUTPUT RAIL TO RAIL VERY LOWNOISE OPERATIONAL AMPLIFIERS
Aug-1999
More results

Similar Description - TS972IQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL971 TI-TL971 Datasheet
316Kb / 13P
OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971_07 Datasheet
375Kb / 15P
OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJU7029 NJRC-NJU7029 Datasheet
550Kb / 13P
Low Noise, Rail-to-Rail Output Dual CMOS Operational Amplifier
logo
Texas Instruments
TL971-Q1 TI1-TL971-Q1 Datasheet
419Kb / 15P
RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL972IPE4 TI-TL972IPE4 Datasheet
1Mb / 25P
OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI-TL971-Q1_15 Datasheet
1Mb / 20P
RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI1-TL971 Datasheet
1Mb / 33P
Output Rail-To-Rail Very-Low-Noise Operational Amplifiers
TL971-Q1 TI1-TL971-Q1_16 Datasheet
1Mb / 20P
RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7009 NJRC-NJU7009 Datasheet
507Kb / 12P
Low Noise, Rail-to-Rail Output Single CMOS Operational Amplifier
Ver.2009-03-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com