Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS974IN Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS974IN
Description  Output rail-to-rail very low noise operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS974IN Datasheet(HTML) 2 Page - STMicroelectronics

  TS974IN Datasheet HTML 1Page - STMicroelectronics TS974IN Datasheet HTML 2Page - STMicroelectronics TS974IN Datasheet HTML 3Page - STMicroelectronics TS974IN Datasheet HTML 4Page - STMicroelectronics TS974IN Datasheet HTML 5Page - STMicroelectronics TS974IN Datasheet HTML 6Page - STMicroelectronics TS974IN Datasheet HTML 7Page - STMicroelectronics TS974IN Datasheet HTML 8Page - STMicroelectronics TS974IN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Absolute maximum ratings and operating conditions
TS971-TS972-TS974
2/17
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings AMR
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values, except differential voltage are with respect to network ground terminal.
12
V
Vid
Differential input voltage (2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±1
V
Vin
Input voltage (3)
3.
The magnitude of input and output voltages must never exceed VCC +0.3V.
VDD -0.3 to VCC +0.3
V
Tstg
Storage temperature range
-65 to +150
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient (4)
SOT23-5
DFN8
SO-8
SO-14
TSSOP8
TSSOP14
DIP8
DIP14
4.
Short-circuits can cause excessive heating and destructive dissipation. Values are typical.
250
40
125
105
120
100
85
80
°C/W
Rthjc
Thermal resistance junction to case(4)
SOT23-5
DFN8
SO-8
SO-14
TSSOP8
TSSOP14
DIP8
DIP14
81
5.2
40
31
37
32
41
33
°C/W
ESD
HBM: human body model(5)
5.
Human body model: A 100pF capacitor is charged to the specified voltage, then discharged through a
1.5k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2kV
MM: machine model(6)
6.
Machine model: A 200pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
200
V
CDM: charged device model(7)
7.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
No value specified for CDM on SOT23-5 package.
1.5
kV
Lead temperature (soldering, 10sec)
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com