Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5846AP Datasheet(PDF) 21 Page - Nippon Precision Circuits Inc

Part # SM5846AP
Description  Multi-function Digital Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5846AP Datasheet(HTML) 21 Page - Nippon Precision Circuits Inc

Back Button SM5846AP Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 24Page - Nippon Precision Circuits Inc SM5846AP Datasheet HTML 25Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
SM5846AP
SEIKO NPC CORPORATION —21
Output data round-off
Output data round-off processing is required because
the internal data length of the digital filter is different
from the output data length (internal data processing
width > output data width).
The SM5846AP can select either normal round-off
or dither round-off on the output data. Round-off
processing can be selected either by input pin or con-
trol flag settings.
Normal round-off
Normal round-off is carried out by adding 1/2 LSB
to the filter output data to form 20/24-bit output data,
depending on the selected output data length.
Dither round-off
Dither round-off is carried out by adding a pseudo-
random number between 0 and 1 LSB, derived from
a rectangular distribution, to the filter output data to
form 20/24-bit output data, depending on the
selected output data length. The random number
rectangular distribution is shown below (average =
1/2 LSB).
Overflow limiter
If an overflow or underflow condition occurs after
round-off or filter arithmetic processing, the output
data will be fixed at positive or negative maximum
value.
MDS
DITH
pin
DITH
flag
Output
data
round-off
Notes
HIGH
HIGH
×
Dither
round-off
The DITH flag is set
HIGH (default) after a
system reset.
LOW
Normal
round-off
LOW
×
HIGH
Normal
round-off
LOW
Dither
round-off
Probavility
0
1/2
1
(LSB)
;;;;;;;;
;;;;;;;;
;;;;;;;;
;;;;;;;;
;;;;;;;;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com