Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1S-Z Datasheet(PDF) 2 Page - AIMTEC

Part # AM1S-Z
Description  1 Watt | DC-DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1S-Z Datasheet(HTML) 2 Page - AIMTEC

  AM1S-Z Datasheet HTML 1Page - AIMTEC AM1S-Z Datasheet HTML 2Page - AIMTEC AM1S-Z Datasheet HTML 3Page - AIMTEC AM1S-Z Datasheet HTML 4Page - AIMTEC AM1S-Z Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AM1S-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 051e R6.L
2 of 5
North America only
Rev: 03/22/A
AM1S-1207SH30Z
10.8-13.2
7.2
138.9
3000
220
100
16
83
AM1S-1209SH30Z
10.8-13.2
9
111.1
3000
220
107
15
78
AM1S-1212SH30Z
10.8-13.2
12
100
3000
220
125
20
80
AM1S-1215SH30Z
10.8-13.2
15
66.6
3000
220
105
15
79
AM1S-1218SH30Z
10.8-13.2
18
55.5
3000
220
104
20
80
AM1S-1224SH30Z
10.8-13.2
24
50
3000
220
123
25
71
AM1S-2403SH30Z
21.6-26.4
3.3
303
3000
220
54
8
77
AM1S-2405SH30Z
21.6-26.4
5
200
3000
220
52
8
80
AM1S-2407SH30Z
21.6-26.4
7.2
138.9
3000
220
54
10
77
AM1S-2409SH30Z
21.6-26.4
9
111.1
3000
220
54
7
77
AM1S-2412SH30Z
21.6-26.4
12
100
3000
220
62
8
80
AM1S-2415SH30Z
21.6-26.4
15
66.6
3000
220
51
8
81
AM1S-2418SH30Z
21.6-26.4
18
55.5
3000
220
52
8
80
AM1S-2424SH30Z
21.6-26.4
24
50
3000
220
60
9
83
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
3.3
5
12
24
2.97-3.63
4.5-5.5
10.8-13.2
21.6-26.4
VDC
Filter
Capacitor
Absolute Maximum Rating
3.3 Vin
5 Vin
12 Vin
24 Vin
0-6
0-7
0-15
0-28
VDC
Peak Input Voltage time
100
ms
Input reflected ripple current *
20
mA p-p
* Measured with a 12µH source inductor and a 47µF (ESR<1Ω at 100KHz) source capacitor.
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60sec
1000, 3000
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF
Output Specifications
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load , Variable
80
KHz
Operating temperature
Full Load without Derating
-40 to +85
°C
Storage temperature
-40 to +125
°C
Max Case temperature
100
°C
Cooling
Free air convection
Humidity
95
%
Case material
Non-conductive black plastic UL94-VO
Weight
1.5
g
Dimensions (L x W x H)
0.46 x 0.24 x 0.40 inches
11.68 x 6.00 x 10.15 mm
MTBF
>1 121 000 hrs(MIL-HDBK -217F, Ground Benign, t=+25
°C)
NOTE: All specifications are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified.
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±3
%
Line voltage regulation
For 1% change of Vin
±1.2
% of Vin
Load voltage regulation
Load 20 – 100%
±10
%
3.3V output models, Load 20 – 100%
±20
%
Temperature coefficient
±0.02
%/
°C
Ripple & Noise
At 20MHz Bandwidth
100
mV p-p
Capacitive load
220
μF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com