Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2DS-Z Datasheet(PDF) 2 Page - AIMTEC

Part # AM2DS-Z
Description  2 Watt | DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2DS-Z Datasheet(HTML) 2 Page - AIMTEC

  AM2DS-Z Datasheet HTML 1Page - AIMTEC AM2DS-Z Datasheet HTML 2Page - AIMTEC AM2DS-Z Datasheet HTML 3Page - AIMTEC AM2DS-Z Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM2DS-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 051e R6.C
2 of 4
North America only
Rev: 09/21/A
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
12
15
24
4.5-5.5
10.8-13.2
13.5-16.5
21.6-26.4
VDC
Filter
Capacitor
Startup time
Vnom, constant resistive load
20
ms
Absolute Maximum Rating
(1sec max)
5 Vin
12 Vin
15 Vin
24 Vin
0-9
0-18
0-20
0-30
VDC
Quiescent Current
5 Vin
12 Vin
15 Vin
24 Vin
40
30
25
20
mA
Input Reflected Ripple current
See the suggested circuit
20
mA p-p
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
5200
VDC
Resistance
>1000
MOhm
Capacitance
7
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±5
%
Short Circuit protection
Continuous
Short circuit restart
Auto recovery
Line voltage regulation
For 1% change of V in
±1.2
%
Load voltage regulation
20 to 100% load, 5Vin, 3.3V/5V single output models
±12
%
20 to 100% load
±10
%
Cross regulation
25-100% load on 1st output, 100% load on 2nd output
±5
%
Temperature coefficient
±0.03
%/°C
Ripple and Noise*
20MHz Bandwidth
150
mV p-p
*Output ripple and noise are measured with external connection of 10uF electrolytic capacitor and 1uF ceramic capacitor.
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load, depending of the model
50 - 100
KHz
Operating temperature
With derating above 65°C
-40 to +95
°C
Storage temperature
-55 to +125
°C
Maximum case temperature
95
°C
Cooling
Free air convection
Humidity
95
% RH
Case material
Non-conductive black plastic, epoxy encapsulated (UL94V-0 rated)
Soldering temperature
1.5mm from case for 10 sec.
260
°C
Weight
2.7
g
Dimensions (L x W x H)
0.76 x 0.28 x 0.39 inches
19.5 x 7.2 x 10.0 mm
MTBF
>3 300 000 hrs (MIL-HDBK-217 F at +25 °C)
Manual soldering temperature
1.5mm from case for 10sec
260
°C
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com