Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1S-Z Datasheet(PDF) 4 Page - AIMTEC

Part # AM1S-Z
Description  1 Watt | DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1S-Z Datasheet(HTML) 4 Page - AIMTEC

  AM1S-Z Datasheet HTML 1Page - AIMTEC AM1S-Z Datasheet HTML 2Page - AIMTEC AM1S-Z Datasheet HTML 3Page - AIMTEC AM1S-Z Datasheet HTML 4Page - AIMTEC AM1S-Z Datasheet HTML 5Page - AIMTEC AM1S-Z Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Series AM1S-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 051e R6.L
4 of 6
North America only
Rev: 05/20/A
Input Reflected Ripple Test Circuit
EMI Filtering
To meet conducted emissions, the following circuit is recommended with the external components as noted in the table below.
Model
C1
L1
C2
C3
5Vin
2.2 µF / 100V
18 µH
12 Vin
2.2 µF / 100V
18 µH
24 Vin
2.2 µF / 100V
18 µH
2.2 µF / 100V
470pF / 2KV
48 Vin
10 µF / 100V*
18 µH
2.2 µF / 100V
470pF / 2KV
* - Electrolytic Capacitor Type
Additionally, in order to meet IEC 61000-4-4 and 61000-4-5 and external capacitor is recommended (ex. Nippon KY series of size 470µF /
100V).
EFT/Surge Application circuit
Aimtec
DC-DC
Converter
L1
(12 µh)
C1
(47 µf)
Test
Point
RL
(Full Load)
Vin+
Vin-
+
-
Vo+
Vo-
* Tested at full load, and nominal input
Aimtec
DC-DC
Converter
L1
C2
Vin+
Vin-
+
-
Vo+
Vo-
C1
C3
DC/DC
Converter
+Vin
-Vin
+Vout
-Vout
Load
470
μF/
100V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com