Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

841S01CGLF Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 841S01CGLF
Description  PCI ExpressTM Clock Generator 841S01
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

841S01CGLF Datasheet(HTML) 3 Page - Renesas Technology Corp

  841S01CGLF Datasheet HTML 1Page - Renesas Technology Corp 841S01CGLF Datasheet HTML 2Page - Renesas Technology Corp 841S01CGLF Datasheet HTML 3Page - Renesas Technology Corp 841S01CGLF Datasheet HTML 4Page - Renesas Technology Corp 841S01CGLF Datasheet HTML 5Page - Renesas Technology Corp 841S01CGLF Datasheet HTML 6Page - Renesas Technology Corp 841S01CGLF Datasheet HTML 7Page - Renesas Technology Corp 841S01CGLF Datasheet HTML 8Page - Renesas Technology Corp 841S01CGLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Rev B 11/16/15
3
PCI EXPRESSTM CLOCK GENERATOR
841S01 DATA SHEET
Serial Data Interface
To enhance the flexibility and function of the clock synthesizer, a
two-signal serial interface is provided. Through the Serial Data
Interface, various device functions, such as individual clock output
buffers, can be individually enabled or disabled. The registers
associated with the Serial Data Interface initialize to their default
setting upon power-up, and therefore, use of this interface is optional.
Clock device register changes are normally made upon system
initialization, if any are required. The interface cannot be used during
system operation for power management functions.
Data Protocol
The clock driver serial protocol accepts byte write, byte read, block
write, and block read operations from the controller. For block
write/read operation, the bytes must be accessed in sequential order
from lowest to highest byte (most significant bit first) with the ability to
stop after any complete byte has been transferred. For byte write and
byte read operations, the system controller can access individually
indexed bytes. The offset of the indexed byte is encoded in the
command code, as described in Table 3A.
The block write and block read protocol is outlined in Table 3B, while
Table 3C outlines the corresponding byte write and byte read
protocol. The slave receiver address is 11010010 (D2h).
Table 3A.Command Code Definition
Table 3B. Block Read and Block Write Protocol
Bit
Description
7
0 = Block read or block write operation, 1 = Byte read or byte write operation.
6:5
Chip select address, set to “00” to access device.
4:0
Byte offset for byte read or byte write operation. For block read or block write operations, these bits must be “00000”.
Bit
Description = Block Write
Bit
Description = Block Read
1Start
1Start
2:8
Slave address - 7 bits
2:8
Slave address - 7 bits
9Write
9Write
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code - 8 bits
11:18
Command Code - 8 bits
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Byte Count - 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address - 7 bits
29:36
Data byte 1 - 8 bits
28
Read = 1
37
Acknowledge from slave
29
Acknowledge from slave
38:45
Data byte 2 - 8 bits
30:37
Byte Count from slave - 8 bits
46
Acknowledge from slave
38
Acknowledge
Data Byte/Slave Acknowledges
39:46
Data Byte 1 from slave - 8 bits
Data Byte N - 8 bits
47
Acknowledge
Acknowledge from slave
48:55
Data Byte 2 from slave - 8 bits
Stop
56
Acknowledge
Data Bytes from Slave/Acknowledge
Data Byte N from slave - 8 bits
Not Acknowledge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com