Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD57002 Datasheet(PDF) 5 Page - STMicroelectronics

Part # PD57002
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57002 Datasheet(HTML) 5 Page - STMicroelectronics

  PD57002 Datasheet HTML 1Page - STMicroelectronics PD57002 Datasheet HTML 2Page - STMicroelectronics PD57002 Datasheet HTML 3Page - STMicroelectronics PD57002 Datasheet HTML 4Page - STMicroelectronics PD57002 Datasheet HTML 5Page - STMicroelectronics PD57002 Datasheet HTML 6Page - STMicroelectronics PD57002 Datasheet HTML 7Page - STMicroelectronics PD57002 Datasheet HTML 8Page - STMicroelectronics PD57002 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
PD57002 - PD57002S
Output Power vs Drain Voltage
Efficiency vs Drain Voltage
Output Power vs Gate-Source Voltage
10
12.5
15
17.5
20
22.5
25
27.5
30
Vdd (V)
0
0.5
1
1.5
2
2.5
Pout (W)
Pin = 17.4dBm
Idq = 15mA
960 MHz
945 MHz
925 MHz
10
12.5
15
17.5
20
22.5
25
27.5
30
Vdd (V)
10
20
30
40
50
60
Nd (%)
Pin = 17.4dBm
Idq = 15mA
945 MHz
925 MHz
960 MHz
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Vgs (V)
0
0.5
1
1.5
2
2.5
Pout (W)
Pin = 17.4dBm
Vdd = 28V
945 MHz
925 MHz
960 MHz
TYPICAL PERFORMANCE (PD57002S)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com