Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7752GPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7752GPBF
Description  HEXFET짰 Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7752GPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7752GPBF Datasheet HTML 1Page - International Rectifier IRF7752GPBF Datasheet HTML 2Page - International Rectifier IRF7752GPBF Datasheet HTML 3Page - International Rectifier IRF7752GPBF Datasheet HTML 4Page - International Rectifier IRF7752GPBF Datasheet HTML 5Page - International Rectifier IRF7752GPBF Datasheet HTML 6Page - International Rectifier IRF7752GPBF Datasheet HTML 7Page - International Rectifier IRF7752GPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7752GPbF
2
www.irf.com
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 0.91A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
25
–––
ns
TJ = 25°C, IF = 0.91A
Qrr
Reverse RecoveryCharge
–––
23
–––
nC
di/dt = 100A/µs
‚
Source-Drain Ratings and Characteristics
––– –––
––– –––
37
0.91
A
ƒ When mounted on 1 inch square copper board, t<10 sec
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.030 –––
V/°C Reference to 25°C, ID = 1mA
––– ––– 0.030
VGS = 10V, ID = 4.6A
‚
––– ––– 0.036
VGS = 4.5V, ID = 3.9A
‚
VGS(th)
Gate Threshold Voltage
0.60 –––
2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
12
–––
–––
S
VDS = 10V, ID = 4.6A
––– –––
20
VDS = 24V, VGS = 0V
––– –––
100
VDS = 24V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
––– ––– -200
VGS = -12V
Gate-to-Source Reverse Leakage
––– –––
200
VGS = 12V
Qg
Total Gate Charge
–––
9.0
–––
ID = 4.6A
Qgs
Gate-to-Source Charge
–––
2.5
–––
nC
VDS = 24V
Qgd
Gate-to-Drain ("Miller") Charge
–––
2.6
–––
VGS = 4.5V
‚
td(on)
Turn-On Delay Time
–––
7.2
–––
VDD = 15V
tr
Rise Time
–––
9.1
–––
ID = 1.0A
td(off)
Turn-Off Delay Time
–––
25
–––
RG = 6.0Ω
tf
Fall Time
–––
11
–––
VGS = 10V
‚
Ciss
Input Capacitance
––– 861
–––
VGS = 0V
Coss
Output Capacitance
––– 210
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
25
–––
ƒ = 1.0MHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
Ω
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
S
D
G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com