Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5130 Datasheet(PDF) 12 Page - ams AG

Part # AS5130
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 12 Page - ams AG

Back Button AS5130 Datasheet HTML 8Page - ams AG AS5130 Datasheet HTML 9Page - ams AG AS5130 Datasheet HTML 10Page - ams AG AS5130 Datasheet HTML 11Page - ams AG AS5130 Datasheet HTML 12Page - ams AG AS5130 Datasheet HTML 13Page - ams AG AS5130 Datasheet HTML 14Page - ams AG AS5130 Datasheet HTML 15Page - ams AG AS5130 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
www.austriamicrosystems.com
Revision 1.00
12 - 41
AS5130
Data Sheet - D e ta i l e d D e s c r i p t i o n
Serial 3-Wire Connection (OTP Programming Option)
This mode provides with an option to configure the serial interface for programming the OTP register. Using a clock
input (CLK), DIO (Data) in/output and CS pin, it is possible to write and read out data from the OTP Register. The data
transfer is done via the DIO channel. For programming, the PROG pin must be connected to +8V. Analog readout for
trimming verification is mandatory.
Figure 6. Serial Data Transmission in Continuous Readout Mode
1-Wire PWM Connection
If the line (PWM) is used as angle output, the total number of connections can be reduced to three, including the
supply lines. This type of configuration is especially useful for remote sensors. Low power mode is not possible in this
configuration. If the AS5130 angular data is invalid, the PWM output will remain at low state.
Figure 7. Data Transmission with Pulse Width Modulated (PWM) Output
The minimum PWM pulse width tON (PWM = high) is 1 LSB @ 0º (Angle reading = 00H). 1LSB = nom. ,0.556µs. The
PWM pulse width increases with 1LSB per step. At the maximum angle 358.6º (Angle reading = FFH), the pulse width
tON (PWM = high) is 256 LSB and the pause width tOFF (PWM = low) is 1 LSB. This leads to a total period (tON + tOFF)
of 257LSB.
AS5130
100n
VSS
+5V
AVDD
+8V
CS
VDD
DCLK
DIO
PROG
VSS
AS5130
VDD
VSS
micro
controller
VDD
VSS
micro
controller
100n
VSS
+5V
AVDD
PWM
AS5130
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com