Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS557-01 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS557-01
Description  PCI-EXPRESS GEN1 CLOCK SOURCE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS557-01 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS557-01 Datasheet HTML 1Page - Renesas Technology Corp ICS557-01 Datasheet HTML 2Page - Renesas Technology Corp ICS557-01 Datasheet HTML 3Page - Renesas Technology Corp ICS557-01 Datasheet HTML 4Page - Renesas Technology Corp ICS557-01 Datasheet HTML 5Page - Renesas Technology Corp ICS557-01 Datasheet HTML 6Page - Renesas Technology Corp ICS557-01 Datasheet HTML 7Page - Renesas Technology Corp ICS557-01 Datasheet HTML 8Page - Renesas Technology Corp ICS557-01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATASHEET
PCI-EXPRESS GEN1 CLOCK SOURCE
ICS557-01
IDT® PCI-EXPRESS GEN1 CLOCK SOURCE
1
ICS557-01
REV P 072512
Description
The ICS557-01 is a clock chip designed for use in
PCI-Express Cards as a clock source. It provides a pair of
differential outputs at 100 MHz in a small 8-pin SOIC
package.
Using IDT’s patented Phase-Locked Loop (PLL)
techniques, the device takes a 25 MHz crystal input and
produces HCSL (Host Clock Signal Level) differential
outputs at 100 MHz clock frequency. LVDS signal levels can
also be supported via an alternative termination scheme.
Features
• Supports PCI-ExpressTM HCSL Outputs
0.7 V current mode differential pair
• Supports LVDS Output Levels
• Packaged in 8-pin SOIC
• RoHS 5 (green) or RoHS 6 (green and lead free)
compliant packaging
• Operating voltage of 3.3 V
• Low power consumption
• Input frequency of 25 MHz
• Short term jitter 100 ps (peak-to-peak)
• Output Enable via pin selection
• Industrial temperature range available
• For PCIe Gen2 applications, see the 5V41064
• For PCIe Gen3 applications, see the 5V41234
Block Diagram
Phase Lock
Loop
Clock
Buffer/
Crystal
Oscillator
VDD
GND
X2
25 MHz
crystal /clock
CLK
OE
CLK
R
R(IREF)
X1
Crystal Tuning Capacitors


Similar Part No. - ICS557-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-01 ICST-ICS557-01 Datasheet
206Kb / 10P
PCI-EXPRESS CLOCK SOURCE
logo
Integrated Device Techn...
ICS557-01 IDT-ICS557-01 Datasheet
121Kb / 10P
PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Renesas Technology Corp
ICS557-01 RENESAS-ICS557-01 Datasheet
311Kb / 11P
PCI-EXPRESS GEN1 CLOCK SOURCE
072512
More results

Similar Description - ICS557-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-03 ICST-ICS557-03 Datasheet
225Kb / 9P
PCI-EXPRESS CLOCK SOURCE
Revision 061005
ICS557-01 ICST-ICS557-01 Datasheet
206Kb / 10P
PCI-EXPRESS CLOCK SOURCE
logo
Integrated Device Techn...
ICS557-03 IDT-ICS557-03 Datasheet
258Kb / 10P
PCI-EXPRESS CLOCK SOURCE
ICS557-05A IDT-ICS557-05A Datasheet
308Kb / 12P
QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
557G-03LF IDT-557G-03LF Datasheet
162Kb / 11P
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
557M-01LF IDT-557M-01LF Datasheet
121Kb / 10P
PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Renesas Technology Corp
IDT5V41129 RENESAS-IDT5V41129 Datasheet
327Kb / 12P
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
02032014
ICS557-01 RENESAS-ICS557-01 Datasheet
311Kb / 11P
PCI-EXPRESS GEN1 CLOCK SOURCE
072512
ICS557-03 RENESAS-ICS557-03 Datasheet
318Kb / 12P
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
112111
ICS557-05A RENESAS-ICS557-05A Datasheet
345Kb / 13P
QUAD DIFFERENTIAL PCI-EXPRESS GEN1 CLOCK SOURCE
112111
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com