Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7283-01FVC Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # DA7283-01FVC
Description  Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7283-01FVC Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button DA7283-01FVC Datasheet HTML 10Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 11Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 12Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 13Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 14Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 15Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 16Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 17Page - Renesas Technology Corp DA7283-01FVC Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
R15DS0040EE0320 Rev.3.20
June 16, 2026
CFR0011-120-00
Page 14
6.2.2
Playback via Edge Triggering
DA7283 playback is triggered by a negative edge provided to any of the three device GPIs. Their configuration is
summarized in Table 11. When a sequence finishes, the device automatically goes to the low power IDLE state
and honors any subsequent playback requests, see Figure 6.
Table 11. GPI drive level behavior
GPI
Drive level
Duration
Sequence description
GPI_0
1.8 VRMS
25 ms drive, 10 ms brake, 20 ms silence
Click effect
GPI_1
1.8 VRMS
60 seconds drive
Maximum strength, buzz effect
GPI_2
1 VRMS
60 seconds drive
Medium strength, buzz effect
The majority of LRAs are rated at 1.2 VRMS or in the range of 1.8 VRMS to 2.5 VRMS. Table 12 shows the
recommended triggers for the two ranges. If more sophisticated features are needed, use the I2C controlled
DA7280, DA7281, and DA7282 devices.
Table 12. GPI trigger ranges
LRA rating (VRMS)
GPI triggers to use
Comments
1.2
GPI_2 only
GPI_0 and GPI_2 drive above the 1.2 VRMS rating.
They may be used only for short time periods at the system designer
discretion.
1.8 to 2.5
GPI_0, GPI_1, GPI_2
Any GPI trigger may be used
GPI_0
Signal Across LRA
GPI_0 Triggered Playback
0.75 ms 25 ms 10 ms
1.8 VRMS
Minimum pulse length 25 µs
GPI_1
Signal Across LRA
GPI_1 Triggered Playback
0.75 ms
60 s
Minimum pulse length 25 µs
Drive
Brake
Startup
...
...
GPI_2
Signal Across LRA
GPI_2 Triggered Playback
0.75 ms
60 s
Minimum pulse length 25 µs
...
...
1.8 VRMS
1 VRMS
Figure 6. Simple GPI behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com