Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DB803DGLF Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 9DB803DGLF
Description  EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB803DGLF Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 9DB803DGLF Datasheet HTML 15Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 16Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 17Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 18Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 19Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 20Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 21Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 22Page - Renesas Technology Corp 9DB803DGLF Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
ICS9DB803D
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
IDT®
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
21
ICS9DB803D
REV N 071013
Revision History
Rev.
Issue Date
Issuer
Description
Page #
A
8/15/2006
Updated electrical characteristics for final data sheet
-
B
Added Input Clock Specs
C
2/29/2008
Updated Input Clock Specs
D
3/18/2008
Fixed typo in Input Clock Parameters
E
3/28/2008
Updated Electrical Char tables
F
4/10/2008
Updated Input Clock Specs
G
1/13/2009
Corrected part ordering information
H
10/7/2009
1. Clarified that Vih and Vil values were for Single ended inputs
2. Added Differential Clock input parameters.
3. Updated Electrical Characteristics to add propagation delay and
phase noise information.
4. Added SMBus electrical characteristics
5. Added foot note about DIF input running in order for the SMBus
interface to work
6. Added foot note to Byte 1 about functionality of OE bits and OE
pins.
7. Updated/Reformatted General Description
Various
J
1/27/2011
Updated Termination Figure 4
12
K
5/9/2011
1. Update pin 2 pin-name and pin description from VDD to VDDR. This
highlights that optimal peformance is obtained by treating VDDR as in
analog pin. This is a document update only, there is no silicon change.
Various
L
8/27/2012
Updated Vswing conditions to include "single-ended measurement"
7
M
9/18/2012
Updated Byte 2, bits 0~7 per char review. Outputs can be programmed
with Byte 2 to be Stoppable or Free-Run with DIF_Stop pin, not the OE
pins.
14
N
7/10/2013
R. Wei
Typo discovered on front page "Output Features" section. Was: “50 –
110MHz operation in PLL mode”; changed to: "50 – 100MHz operation
in PLL mode”
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com