Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKC-136 Datasheet(PDF) 4 Page - STMicroelectronics

Part # PKC-136
Description  PEAK CLAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PKC-136 Datasheet(HTML) 4 Page - STMicroelectronics

  PKC-136 Datasheet HTML 1Page - STMicroelectronics PKC-136 Datasheet HTML 2Page - STMicroelectronics PKC-136 Datasheet HTML 3Page - STMicroelectronics PKC-136 Datasheet HTML 4Page - STMicroelectronics PKC-136 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/5
PKC-136
0
10
20
30
40
50
60
70
80
90
100
110
0123456789
10
S(cm²)
Lleads=10mm
Rth(j-a)
Fig. 5: Thermal resistance junction to ambient
versus copper surface under each lead.
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
10
20
30
40
50
60
70
80
90
100 110 120 130 140 150
VR(V)
Tj=100°C
Tj=125°C
Tj=25°C
Tj=150°C
IR(µA)
Fig. 6-1: Reverse leakage current versus reverse
voltage applied (typical values, for Transil).
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
50
100 150 200 250 300 350 400 450 500 550 600 650 700
VR(V)
Tj=100°C
Tj=125°C
Tj=25°C
Tj=150°C
IR(µA)
Fig. 6-2: Reverse leakage current versus reverse
voltage applied (typical values, for diode).
0
5
10
15
20
25
30
35
40
45
50
0
50
100
150
200
250
300
350
400
450
500
dIF/dt(A/µs)
IF=3A
Tj=125°C
V
(V)
FP
Fig. 7: Transient peak forward voltage versus
dIF/dt (90% confidence).
0.1
1.0
10.0
160
165
170
175
180
185
190
195
200
205
210
215
220
Vcl(V)
tp<500ns
Tj=25°C
Tj=125°C
Ipp(A)
Fig. 8: Clamping voltage versus peak pulse
current (maximum values).
10
100
1
10
100
1000
VR(V)
F=1MHz
Vosc=30mV
RMS
Tj=25°C
C(pF)
Fig. 9: Junction capacitance versus reverse
voltage applied on clamping characteristic (typical
values).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com