| Electronic Components Datasheet Search |
|
A22NZ-RMM-TRA Datasheet(PDF) 8 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22NZ-RMM-TRA Datasheet(HTML) 8 Page - Omron Electronics LLC |
|
8 / 30 page ![]() 8 A22NN/A22NL Model Number Structure Model Number Legend - - - - - Shipped as a set that includes the Operation Unit, LED Lamp, Mounting Collar, and Contact Block. For information on combinations, refer to Ordering Information on pages 4 to 7. Model Numbers for Sets (1) (2) (3) (4) (5) A22N Z - BN M - N R A (1) Type (2) Bezel Material and Button Shape (3) Switch Action (4) Button Transparency and Color Code Description Z Individual unit Code Bezel material Button shape BN Plastic Flat BP Plastic Projected BG Plastic Full guard MN Brushed metal Flat MP Brushed metal Projected MG Brushed metal Full guard RN Shiny metal Flat RP Projected Code Description M Momentary A Alternate Lighted/non-lighted Code (4) Transparency Button color Non-lighted NR Opaque Red NG Opaque Green NY Opaque Yellow NW Opaque White NA Opaque Blue NB Opaque Black Lighted TR Transparent Red TG Transparent Green TY Transparent Yellow TW Transparent White TA Transparent Blue TO Transparent Orange (5) Degree of Protection Code Description A IP66, NEMA 4X, NEMA13 ■ Specifications: Refer to page 15. ■ Precautions for correct use: Refer to page 23. ■ Dimensions: Refer to page 17. ■ Accessories and tools: Refer to page 13. Non-lighted UR Red UG Green UY Yellow UW White UA Blue UB Black Transparent Transparent Transparent Transparent Transparent Transparent TO Transparent BM Plastic Mushroom RM Mushroom MM Brushed metal Mushroom Shiny metal Shiny metal |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |