Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE3XF2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST7LITE3XF2
Description  8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE3XF2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST7LITE3XF2 Datasheet HTML 4Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 5Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 6Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 7Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 8Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 9Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 10Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 11Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 173 page
background image
ST7LITE3xF2
8/173
Notes:
1. It is mandatory to connect all available VDD and VDDA pins to the supply voltage and all VSS and VSSA
pins to ground.
2. For input with interrupt possibility “eix” defines the associated external interrupt vector which can be as-
signed to one of the I/O pins using the EISR register. Each interrupt can be either weak pull-up or floating
defined through option register OR.
10
12
PA6 /MCO/
ICCCLK/
BREAK
I/O
CT
X
ei1
XX
Port A6
Main Clock Output or In Circuit Com-
munication Clock or External BREAK
Caution: During normal operation this
pin must be pulled- up, internally or ex-
ternally (external pull-up of 10k manda-
tory in noisy environment). This is to
avoid entering ICC mode unexpectedly
during a reset. In the application, even
if the pin is configured as output, any re-
set will put it back in input pull-up.
11
13
PA5 /ATPWM3/
ICCDATA
I/O CT HS
X
XX
Port A5
Auto-Reload Timer PWM3 or In Circuit
Communication Data
12
14 PA4/ATPWM2
I/O CT HS
X
XX
Port A4
Auto-Reload Timer PWM2
13
15 PA3/ATPWM1
I/O CT HS
X
ei0
XX
Port A3
Auto-Reload Timer PWM1
14
16 PA2/ATPWM0
I/O CT HS
X
XX
Port A2
Auto-Reload Timer PWM0
15
17 PA1/ATIC
I/O CT HS
X
XX
Port A1
Auto-Reload Timer Input Capture
16
18 PA0/LTIC
I/O CT HS
X
XX
X
Port A0
Lite Timer Input Capture
17
19 OSC2
O
Resonator oscillator inverter output
18
20 OSC1/CLKIN
I
Resonator oscillator inverter input or External
clock input
Pin Name
Level
Port / Control
Main
Function
(after
reset)
Alternate Function
Input
Output
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com