Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE3XF2 Datasheet(PDF) 158 Page - STMicroelectronics

Part # ST7LITE3XF2
Description  8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE3XF2 Datasheet(HTML) 158 Page - STMicroelectronics

Back Button ST7LITE3XF2 Datasheet HTML 154Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 155Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 156Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 157Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 158Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 159Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 160Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 161Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 173 page
background image
ST7LITE3xF2
158/173
ADC CHARACTERISTICS (Cont’d)
ADC Accuracy with 3V≤VDD ≤3.6V
ADC Accuracy with 4.5V≤VDD ≤5.5V
Notes:
1. Data based on characterization results over the whole temperature range, monitored in production.
2. ADC accuracy vs negative injection current: Injecting negative current on any of the analog input pins may reduce the
accuracy of the conversion being performed on another analog input.
The effect of negative injection current on robust pins is specified in section 13.11 on page 157
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 13.2.2 does not affect the ADC
accuracy.
3. Data based on characterization results, monitored in production to guarantee 99.73% within ± max value from -40°C
to +125°C (± 3
σ distribution limits).
Figure 104. ADC Accuracy Characteristics
Symbol
Parameter
Conditions
Typ
Max 3)
Unit
|ET|
Total unadjusted error
fCPU=4MHz, fADC=2MHz
1) 2)
2.5
6
LSB
|EO|
Offset error
0.9
4
|EG|
Gain Error
1.3
4.5
|ED|
Differential linearity error
1.8
3
|EL|
Integral linearity error
Symbol
Parameter
Conditions
Typ
Max 3)
Unit
|ET|
Total unadjusted error
fCPU=8MHz, fADC=4MHz
1) 2)
2.0
4
LSB
|EO|
Offset error
0.6
1.5
|EG|
Gain Error
1.2
|ED|
Differential linearity error
1.6
2.5
|EL|
Integral linearity error
1.8
EO
EG
1LSBIDEAL
1LSB
IDEAL
V
DD
V
SS
–
1024
--------------------------------
=
Vin (LSBIDEAL)
(1) Example of an actual transfer curve
(2) The ideal transfer curve
(3) End point correlation line
ET=Total Unadjusted Error: maximum deviation
between the actual and the ideal transfer curves.
EO=Offset Error: deviation between the first actual
transition and the first ideal one.
EG=Gain Error: deviation between the last ideal
transition and the last actual one.
ED=Differential Linearity Error: maximum deviation
between actual steps and the ideal one.
EL=Integral Linearity Error: maximum deviation
between any actual transition and the end point
correlation line.
Digital Result ADCDR
1023
1022
1021
5
4
3
2
1
0
7
6
1
2
3
4567
1021 1022 1023 1024
(1)
(2)
ET
ED
EL
(3)
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com