Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7388A Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7388A
Description  4 x 42W quad bridge car radio amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7388A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7388A Datasheet HTML 5Page - STMicroelectronics TDA7388A Datasheet HTML 6Page - STMicroelectronics TDA7388A Datasheet HTML 7Page - STMicroelectronics TDA7388A Datasheet HTML 8Page - STMicroelectronics TDA7388A Datasheet HTML 9Page - STMicroelectronics TDA7388A Datasheet HTML 10Page - STMicroelectronics TDA7388A Datasheet HTML 11Page - STMicroelectronics TDA7388A Datasheet HTML 12Page - STMicroelectronics TDA7388A Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Application hints
TDA7388A
10/13
3
Application hints
Ref. to the circuit of Figure 2.
3.1
SVR
Besides its contribution to the ripple rejection, the SVR capacitor governs the turn ON/OFF
time sequence and, consequently, plays an essential role in the pop optimization during
ON/OFF transients.
To conveniently serve both needs, ITS MINIMUM RECOMMENDED VALUE IS 10µF.
3.2
Input stage
The TDA7388A’s inputs are ground-compatible and can stand very high input signals (±
8Vpk) without any performances degradation.
If the standard value for the input capacitors (0.1µF) is adopted, the low frequency cut-off
will amount to 16 Hz.
3.3
Stand-by and Muting
Stand-by and Muting facilities are both 3.3V CMOS-COMPATIBLE. If unused, a straight
connection to Vs of their respective pins would be admissible.
Conventional/low-power transistors can be employed to drive muting and stand-by pins in
absence of true CMOS ports or microprocessors. R-C cells have always to be used in order
to smooth down the transitions for preventing any audible transient noises.
Since a DC current of about 10µA normally flows out of pin 23, the maximum allowable
muting-series resistance (R2) is 70KΩ, which is sufficiently high to permit a muting capacitor
reasonably small (about 1µF).
If R2 is higher than recommended, the involved risk will be that the voltage at pin 23 may rise
to above the 1.5V threshold voltage and the device will consequently fail to turn OFF when
the mute line is brought down.
About the stand-by, the time constant to be assigned in order to obtain a virtually pop-free
transition has to be slower than 2.5V/ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com