Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT80C5112 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT80C5112
Description  8-bit Microcontroller with A/D Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C5112 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT80C5112 Datasheet HTML 1Page - ATMEL Corporation AT80C5112 Datasheet HTML 2Page - ATMEL Corporation AT80C5112 Datasheet HTML 3Page - ATMEL Corporation AT80C5112 Datasheet HTML 4Page - ATMEL Corporation AT80C5112 Datasheet HTML 5Page - ATMEL Corporation AT80C5112 Datasheet HTML 6Page - ATMEL Corporation AT80C5112 Datasheet HTML 7Page - ATMEL Corporation AT80C5112 Datasheet HTML 8Page - ATMEL Corporation AT80C5112 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 97 page
background image
2
AT8xC5112
4191C–8051–02/08
The AT8xC5112 has 3 software-selectable modes of reduced activity for further reduc-
tion in power consumption. In the idle mode, the CPU is frozen while the peripherals are
still operating. In the quiet mode, the A/D converter is only operating. In the Power-down
mode, the RAM is saved and all other functions are inoperative. Two oscillators source,
crystal and RC, provide a versatile power management.
The AT8xC5112 is proposed in 48-/52-pin count packages with Port 0 and Port 2
(address/
data buses).
Block Diagram
Notes:
1. Alternate function of Port 1.
2. Alternate function of Port 3.
3. Alternate function of Port 4.
Timer 0
INT
RAM
256
XTAL2
XTAL1
EUART
CPU
Timer 1
Ctrl
C51
CORE
(2) (3)
(2) (3)
Port 1 Port 3
IB-bus
Watch
Dog
(2)
(2)
ROM /OTP
8 K *8
A/D
Converter
x8
Xtal
Osc
RC
Osc
(1)
(1)
(3)
Port 4
(2)
(2)
(2)
PCA
(3)(3) (3)
SPI
BRG
Port 0 Port 2
EA
ALE
PSEN
RST
Parallel I/O Ports
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com