Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFDFD2-250 Datasheet(PDF) 1 Page - Pro-Power

Part # STFDFD2-250
Description  Female Quick Disconnectors Fully Insulated
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

STFDFD2-250 Datasheet(HTML) 1 Page - Pro-Power

  STFDFD2-250 Datasheet HTML 1Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
20/07/21
Female Quick Disconnectors
Fully Insulated
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-POWER is the registered trademark of Premier Farnell Limited 2019.
Specifications
Conductor Material
: Brass Strip
Copper Sleeve
: Copper Tubular
Insulation Material
: PVC
Plating
: Tin
Heat Resistant
: -10°C to +75°C
Features
•  Fully insulated structure design
•  The Copper Sleeve offers good protection and enable cables fully connected
•  Flared-barrel entry for easy wire insertion
Specification Table
Part Number
Wire Range Plug Spec. Insulation
Colour
Dimension (mm)
W
F
L
E
d1
D
STFDFD1-187(8)
0.5-1.5mm2
AWG: 22-16
0.8×4.75
Red
5
6.4
19
10.5
1.7
3.8
STFDFD1-187(8)10
STFDFD2-250
1.5-2.5mm2
AWG: 16-14
0.8*6.35
Blue
6.6
7.2
21.8
10.5
2.3
4.7
STFDFD5-250
4-6mm2
AWG: 12-10
0.8*6.35
Yellow
6.6
7.2
23.8
10.9
3.4
6.2
Diagram


Similar Part No. - STFDFD2-250

ManufacturerPart #DatasheetDescription
logo
Pro-Power
STFDFD1-188 PROPOWER-STFDFD1-188 Datasheet
182Kb / 1P
Push On Crimp Terminal Female, Red
V1.0 23/05/22
STFDFD1-188(8) PROPOWER-STFDFD1-188(8) Datasheet
182Kb / 1P
Push On Crimp Terminal Female, Red
V1.0 23/05/22
More results

Similar Description - STFDFD2-250

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190070082 MOLEX4-0190070082 Datasheet
114Kb / 2P
InsulKrimp??Female Fully Insulated Quick Disconnect
0190050010 MOLEX4-0190050010 Datasheet
111Kb / 3P
InsulKrimp??Fully Insulated Female Quick
0196001302 MOLEX4-0196001302 Datasheet
129Kb / 2P
Avikrimp??Fully Insulated Female Quick Disconnect
0190070069 MOLEX4-0190070069 Datasheet
105Kb / 2P
InsulKrimp??Female Fully Insulated Quick Disconnect Flag
0196001304 MOLEX4-0196001304 Datasheet
129Kb / 2P
Avikrimp??Fully Insulated Female Quick Disconnect
0196001307 MOLEX4-0196001307 Datasheet
130Kb / 3P
Avikrimp??Fully Insulated Female Quick Disconnect
0196001300 MOLEX4-0196001300 Datasheet
129Kb / 2P
Avikrimp??Fully Insulated Female Quick Disconnect
0196001306 MOLEX4-0196001306 Datasheet
130Kb / 3P
Avikrimp??Fully Insulated Female Quick Disconnect
0196001308 MOLEX4-0196001308 Datasheet
130Kb / 3P
Avikrimp??Fully Insulated Female Quick Disconnect
logo
Adam Technologies, Inc.
QD-250-22-18-FI ADAM-TECH-QD-250-22-18-FI Datasheet
59Kb / 1P
QUICK DISCONNECT TERMINAL FULLY INSULATED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com