Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE27A Datasheet(PDF) 1 Page - STMicroelectronics

Part # P6KE27A
Description  UNI AND BIDIRECTIONAL TYPES, PEAK PULSEPOWER : 600W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P6KE27A Datasheet(HTML) 1 Page - STMicroelectronics

  P6KE27A Datasheet HTML 1Page - STMicroelectronics P6KE27A Datasheet HTML 2Page - STMicroelectronics P6KE27A Datasheet HTML 3Page - STMicroelectronics P6KE27A Datasheet HTML 4Page - STMicroelectronics P6KE27A Datasheet HTML 5Page - STMicroelectronics P6KE27A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PEAK PULSE POWER : 600 W (10/1000
µs)
BREAKDOWN VOLTAGE RANGE :
From 6.8V to 440 V.
UNI AND BIDIRECTIONAL TYPES.
LOW CLAMPING FACTOR.
FAST RESPONSE TIME.
UL RECOGNIZED.
FEATURES
CB417
Symbol
Parameter
Value
Unit
PPP
Peak pulse power dissipation (see note 1)
Tj initial =Tamb
600
W
P
Power dissipation on infinite heatsink
Tamb =75
°C
5W
IFSM
Non repetitive surge peak forward current
For Unidirectional types.
Tj initial =Tamb
tp =10 ms
100
A
Tstg
Tj
Storage temperature range
Maximum junction temperature
- 65 to + 175
175
°C
°C
TL
Maximum lead temperature for soldering during 10s at 5mm
from case
230
°C
Note 1 : For a surge greater than the maximum values, the diode will fail in short-circuit.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25
°C)
DESCRIPTION
Transil diodes provide high overvoltage protection
by clamping action. Their instantaneous response
to transient overvoltages makes them particularly
suited to protect voltage sensitive devices such as
MOS Technology and low voltage supplied IC’s.
November 1998 - Ed: 2A
P6KE6V8A/440A
P6KE6V8CA/440CA
®
TRANSIL
TM
Symbol
Parameter
Value
Unit
Rth (j-l)
Junction-leads
20
°C/W
Rth (j-a)
Junction to ambient on printed circuit.
Llead =10 mm
75
°C/W
THERMAL RESISTANCES
1/6


Similar Part No. - P6KE27A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE27A MOTOROLA-P6KE27A Datasheet
81Kb / 7P
ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Pan Jit International I...
P6KE27A PANJIT-P6KE27A Datasheet
62Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Surge Components
P6KE27A SURGE-P6KE27A Datasheet
201Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
Transys Electronics
P6KE27A TRSYS-P6KE27A Datasheet
211Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P6KE27A WTE-P6KE27A Datasheet
62Kb / 5P
600W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - P6KE27A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ICTE5S STMICROELECTRONICS-ICTE5S Datasheet
286Kb / 4P
UNI-AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS DIODES DE PORTECTION UNI- ET BIDIRECTIONNELLES
04-Jan-1983
logo
SeCoS Halbleitertechnol...
P6KE6.8 SECOS-P6KE6.8 Datasheet
191Kb / 4P
600W Peak Power / 5.0W Steady State 600W Peak Power TVS
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
600W Peak Power Surface Mount TVS
P6KE SECOS-P6KE_15 Datasheet
110Kb / 3P
600W Peak Power TVS
SMBJ SECOS-SMBJ_15 Datasheet
79Kb / 4P
600W Peak Power Surface Mount TVS
logo
Shanghai Semitech Semic...
P6KE440CA SEMITECH-P6KE440CA Datasheet
280Kb / 5P
600W Peak Pulse Power Dissipation
logo
STMicroelectronics
BZW06 STMICROELECTRONICS-BZW06 Datasheet
446Kb / 9P
Unidirectional and bidirectional types
06-Apr-2017
logo
New Jersey Semi-Conduct...
PF8Z6V8 NJSEMI-PF8Z6V8 Datasheet
163Kb / 2P
UNI - AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
STMicroelectronics
SM15T6V8C STMICROELECTRONICS-SM15T6V8C Datasheet
759Kb / 6P
UNI-AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Feb-1989
logo
Mean Well Enterprises C...
HRP-600N3 MEANWELL-HRP-600N3 Datasheet
727Kb / 6P
600W Ultra-High Peak Power Supply
2022-03-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com