Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKS-64/SW Datasheet(PDF) 1 Page - Pro-Signal

Part # MKS-64/SW
Description  2-way Cabinet Speakers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

MKS-64/SW Datasheet(HTML) 1 Page - Pro-Signal

  MKS-64/SW Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Low Impedance Models
102-6740 / 102-6741
102-6742 / 102-6743
Drive Units
Bass/mid-range
Ø80mm
Ø140mm
Tweeters
Ø65mm
Ø80mm
Impedance
4Ω
4Ω
Frequency Range
60Hz to 20kHz
40Hz to 20kHz
Music Power RMS
45W max./30W
90W max./60W
SPL (1W/1m)
87dB
89dB
Dimensions (WxHxD)mm
130x192x115
215x290x172
Weight
2.6kg
6.7kg
100V Line Models
102-6746 / 102-6747
102-6748 / 102-6749
Power Tappings
15/7.5/4/2/1W RMS
30/15/7.5/4/2W RMS
Frequency Range
60Hz to 20kHz
40 to 20kHz
SPL (1W/1m)
87dB (98dB max.)
89dB, (103dB max.)
Dimensions (WxHxD)
130x192x115mm
270x370x220mm
Weight
1.4kg
5.4kg
Price/Pair
Description
Order Code
Low Impedance
45W Black
102-6740
45W White
102-6741
90W Black
102-6742
90W White
102-6743
100V Line
15W Black
102-6746
15W White
102-6747
30W Black
102-6748
30W White
102-6749
2-way Cabinet Speakers
A range of 2-way, bass reflex cabinet speakers with either black or white moulded plastic
cases. The speakers have a trapezoidal shape, allowing them to be mounted neatly in the
corner of a room. Supplied with adjustable mounting brackets. Cable termination is via screw
terminals. Available in both low impedance (4Ω) and 100V Line versions. The 100V line
versions have an integral 6-way power matching rotary switch, with an Off position.
417080


Similar Part No. - MKS-64/SW

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
MKS-CM MKS-MKS-CM Datasheet
481Kb / 4P
A Comprehensive Controls Solution
logo
JST Mfg. Co., Ltd.
MKS-L JST-MKS-L Datasheet
72Kb / 2P
SJN CONNECTOR 2.0mm pitch/Board-in Crimp style connectors
MKS-L JST-MKS-L Datasheet
100Kb / 2P
4.5mm pitch/Disconnectable Crimp style Wire-to-wire connectors
MKS-L-10 JST-MKS-L-10 Datasheet
329Kb / 12P
FAMILY SERIES/PA•PAF•PAL CONNECTOR
MKS-L-10 JST-MKS-L-10 Datasheet
95Kb / 2P
2.0mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - MKS-64/SW

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
V400 SYSTEMSENSOR-V400 Datasheet
127Kb / 2P
Speakers
SP100 SYSTEMSENSOR-SP100 Datasheet
349Kb / 4P
Speakers
logo
List of Unclassifed Man...
S050M ETC2-S050M Datasheet
123Kb / 1P
Internal Sounders Speakers
logo
Innovative Power Produc...
IPP-1141 IPP-IPP-1141 Datasheet
63Kb / 1P
OUTLINE 2 WAY
IPP-1188 IPP-IPP-1188 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1217 IPP-IPP-1217 Datasheet
61Kb / 1P
OUTLINE 2-WAY
IPP-1228 IPP-IPP-1228 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1241 IPP-IPP-1241 Datasheet
64Kb / 1P
OUTLINE 2-WAY
IPP-5006 IPP-IPP-5006 Datasheet
52Kb / 1P
OUTLINE 2-WAY
logo
Ultralife Corporation.
MRC-67 ULTRALIFE-MRC-67 Datasheet
681Kb / 2P
Amplified Speakers
03 JUL 19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com