Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN6659 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # FN6659
Description  Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6659 Datasheet(HTML) 4 Page - Renesas Technology Corp

  FN6659 Datasheet HTML 1Page - Renesas Technology Corp FN6659 Datasheet HTML 2Page - Renesas Technology Corp FN6659 Datasheet HTML 3Page - Renesas Technology Corp FN6659 Datasheet HTML 4Page - Renesas Technology Corp FN6659 Datasheet HTML 5Page - Renesas Technology Corp FN6659 Datasheet HTML 6Page - Renesas Technology Corp FN6659 Datasheet HTML 7Page - Renesas Technology Corp FN6659 Datasheet HTML 8Page - Renesas Technology Corp FN6659 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ISL12022
FN6659 Rev.3.01
Page 4 of 32
Oct 24, 2019
Pin Configuration
ISL12022
(8 LD SOIC)
TOP VIEW
VDD
IRQ/FOUT
SCL
SDA
X1
X2
VBAT
1
2
3
4
8
7
6
5
GND
Pin Descriptions
PIN # SYMBOL
DESCRIPTION
1X1
Crystal Input. The X1 pin is the input of an inverting
amplifier and is intended to be connected to one pin of
an external 32.768kHz quartz crystal. X1 can also be
driven directly from a 32.768kHz source.
2X2
Crystal Output. The X2 pin is the output of an inverting
amplifier and is intended to be connected to one pin of
an external 32.768kHz quartz crystal. X2 should be left
open when X1 is driven from external source.
3VBAT
Backup Supply. This input provides a backup supply
voltage to the device. VBAT supplies power to the device
in the event that the VDD supply fails. This pin should
be tied to ground if not used.
4GND
Ground.
5SDA
Serial Data. SDA is a bi-directional pin used to transfer
serial data into and out of the device. It has an open
drain output and may be wire OR’ed with other open
drain or open collector outputs.
6SCL
Serial Clock. The SCL input is used to clock all serial
data into and out of the device.
7
IRQ/FOUT Interrupt Output/Frequency Output. Multi-functional
pin that can be used as interrupt or frequency output
pin. The function is set via the configuration register. It
is an open-drain output.
8VDD
Power Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com