Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F5T8GPUL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # F5T8GPUL
Description  Snap-action Microswitches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F5T8GPUL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  F5T8GPUL Datasheet HTML 1Page - List of Unclassifed Manufacturers F5T8GPUL Datasheet HTML 2Page - List of Unclassifed Manufacturers F5T8GPUL Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.saia-burgess.com
saia-burgess Switches
F5
Snap-action Microswitches
Ultraminiature
F5
Characteristics
small switch
long mechanical and electrical life
PCB mounting
Rating
250 VAC, 5 A
Dimensions (mm)
12.8 7 5
Actuator
plunger
plain lever
simulated roller lever/cam follower
Approvals
UL, CSA
Preferred Range
Ordering Reference Actuating Force
Sealing
Operating pos.
Terminal
Circuit
Actuator
Contacts
Electrical rating
(N)
(ozf)
(mm)
(in)
F5T8UL 1.4
5.00
IP40
8.75
0.34
PCB
CO
Plunger
Ag
Up to 250 VAC, 5 A
F5T8GPUL 1.4
5.00
IP40
8.75
0.34
PCB
CO
Plunger
Gold plate
Up to 250 VAC, 5 A
F5T8Y1UL 0.6
2.20
IP40
8.80
0.35
PCB
CO
Plain lever
Ag
Up to 250 VAC, 5 A
F5T8Y1GPUL 0.6
2.20
IP40
8.80
0.35
PCB
CO
Plain lever
Gold plate
Up to 250 VAC, 5 A
F5T8YCUL 0.7
2.50
IP40
10.90
0.43
PCB
CO
Simulated roller
Ag
Up to 250 VAC, 5 A
F5T8YCGPUL 0.7
2.50
IP40
10.90
0.43
PCB
CO
Simulated roller
Gold plate
Up to 250 VAC, 5 A
20 |
21
Inhalt_englisch_1.indd 21
7.12.2005 13:58:13 Uhr


Similar Description - F5T8GPUL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A-20G OMRON-A-20G Datasheet
988Kb / 8P
Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
Snap Action Switch
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
Snap Action Switch
logo
List of Unclassifed Man...
F4T7 ETC2-F4T7 Datasheet
967Kb / 3P
Snap-action Microswitches
3BR-103 ETC-3BR-103 Datasheet
164Kb / 3P
SNAP-ACTION MICROSWITCHES
logo
Nihon Kaiheiki Industry...
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
Snap-Action Pushbuttons
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
Snap Action Switch
logo
List of Unclassifed Man...
V4NST7 ETC2-V4NST7 Datasheet
105Kb / 4P
Snap-action Microswitches
logo
Omron Electronics LLC
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
SNAP ACTION SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com