Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT244ATPC Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT244ATPC
Description  8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT244ATPC Datasheet(HTML) 2 Page - Texas Instruments

  CY74FCT244ATPC Datasheet HTML 1Page - Texas Instruments CY74FCT244ATPC Datasheet HTML 2Page - Texas Instruments CY74FCT244ATPC Datasheet HTML 3Page - Texas Instruments CY74FCT244ATPC Datasheet HTML 4Page - Texas Instruments CY74FCT244ATPC Datasheet HTML 5Page - Texas Instruments CY74FCT244ATPC Datasheet HTML 6Page - Texas Instruments CY74FCT244ATPC Datasheet HTML 7Page - Texas Instruments CY74FCT244ATPC Datasheet HTML 8Page - Texas Instruments CY74FCT244ATPC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
CY54FCT244T, CY74FCT244T
8-BIT BUFFERS/LINE DRIVERS
WITH 3-STATE OUTPUTS
SCCS071 – OCTOBER 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE†
SPEED
(ns)
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QSOP – Q
Tape and reel
3.6
CY74FCT244DTQCT
FCT244D
0
°C to 70°C
SOIC
SO
Tube
3.6
CY74FCT244DTSOC
FCT244D
SOIC – SO
Tape and reel
3.6
CY74FCT244DTSOCT
FCT244D
SOIC
SO
Tube
4.1
CY74FCT244CTSOC
FCT244C
SOIC – SO
Tape and reel
4.1
CY74FCT244CTSOCT
FCT244C
QSOP – Q
Tape and reel
4.1
CY74FCT244CTQCT
FCT244C
DIP – P
Tube
4.6
CY74FCT244ATPC
CY74FCT244ATPC
40
°Cto85°C
SOIC
SO
Tube
4.6
CY74FCT244ATSOC
FCT244A
–40
°C to 85°C
SOIC – SO
Tape and reel
4.6
CY74FCT244ATSOCT
FCT244A
QSOP – Q
Tape and reel
4.6
CY74FCT244ATQCT
FCT244A
SOIC
SO
Tube
6.5
CY74FCT244TSOC
FCT244
SOIC – SO
Tape and reel
6.5
CY74FCT244TSOCT
FCT244
QSOP – Q
Tape and reel
6.5
CY74FCT244TQCT
FCT244
CDIP – D
Tube
4.6
CY54FCT244CTDMB
LCC – L
Tube
4.6
CY54FCT244CTLMB
55
°Cto125°C
CDIP – D
Tube
5.1
CY54FCT244ATDMB
–55
°C to 125°C
LCC – L
Tube
5.1
CY54FCT244ATLMB
CDIP – D
Tube
7
CY54FCT244TDMB
LCC – L
Tube
7
CY54FCT244TLMB
† Packagedrawings,standardpackingquantities,thermaldata,symbolization,andPCBdesignguidelinesareavailable
at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
OUTPUT
OEA
OEB
D
O
L
L
L
L
L
LH
H
H
H
X
Z
H = High logic level, L = Low logic level,
X = Don’t care, Z = High-impedance state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com