Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD833F2 Datasheet(PDF) 44 Page - STMicroelectronics

Part # PSD833F2
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 40Page - STMicroelectronics PSD833F2 Datasheet HTML 41Page - STMicroelectronics PSD833F2 Datasheet HTML 42Page - STMicroelectronics PSD833F2 Datasheet HTML 43Page - STMicroelectronics PSD833F2 Datasheet HTML 44Page - STMicroelectronics PSD833F2 Datasheet HTML 45Page - STMicroelectronics PSD833F2 Datasheet HTML 46Page - STMicroelectronics PSD833F2 Datasheet HTML 47Page - STMicroelectronics PSD833F2 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 110 page
background image
PSD835G2
PSD8XX Family
43
The
PSD835G2
Functional
Blocks
(cont.)
9.3 Microcontroller Bus Interface
The “no-glue logic” PSD835G2 Microcontroller Bus Interface can be directly connected to
most popular microcontrollers and their control signals. Key 8-bit microcontrollers with their
bus types and control signals are shown in Table 14. The MCU interface type is
specified using the PSDsoft.
9.3.1. PSD835G2 Interface to a Multiplexed Bus
Figure 17 shows an example of a system using a microcontroller with a 8-bit multiplexed
bus and a PSD835G2. The ADIO port on the PSD835G2 is connected directly to the
microcontroller address/data bus. ALE latches the address lines internally. Latched
addresses can be brought out to Port E, F or G. The PSD835G2 drives the ADIO data bus
only when one of its internal resources is accessed and the RD input is active. Should the
system address bus exceed sixteen bits, Ports A, B, C, or F may be used as additional
address inputs.
9.3.2. PSD835G2 Interface to a Non-Multiplexed Bus
Figure 18 shows an example of a system using a microcontroller with a 8-bit
non-multiplexed bus and a PSD835G2. The address bus is connected to the ADIO Port,
and the data bus is connected to Port F. Port F is in tri-state mode when the PSD835G2
is not accessed by the microcontroller. Should the system address bus exceed sixteen
bits, Ports A, B or C may be used for additional address inputs.
Data
Bus
MCU
Width
CNTL0
CNTL1
CNTL2
PC7
PD0**
ADIO0
PF3-PF0 PF7-PF4
8031/8051
8
WR
RD
PSEN
*
ALE
A0
**
80C51XA
8
WR
RD
PSEN
*
ALE
A4
A3-A0
*
80C251
8
WR
PSEN
**
ALE
A0
**
80C251
8
WR
RD
PSEN
*
ALE
A0
**
80198
8
WR
RD
**
ALE
A0
**
68HC11
8
R/W
E
**
AS
A0
**
68HC05C0
8
WR
RD
**
AS
A0
**
68HC912
8
R/W
E
*
DBE
AS
A0
**
Z80
8
WR
RD
**
*
A0
D3-D0
D7-D4
Z8
8
R/W
DS
**
AS
A0
**
68330
8
R/W
DS
**
AS
A0
**
M37702M2
8
R/W
E
**
ALE
A0
D3-D0
D7-D4
Table 14. Microcontrollers and their Control Signals
**Unused CNTL2 pin can be configured as PLD input. Other unused pins (PD3-0, PA3-0) can be
**configured for other I/O functions.
**ALE/AS input is optional for microcontrollers with a non-multiplexed bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com