Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD913F1 Datasheet(PDF) 49 Page - STMicroelectronics

Part # PSD913F1
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F1 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button PSD913F1 Datasheet HTML 45Page - STMicroelectronics PSD913F1 Datasheet HTML 46Page - STMicroelectronics PSD913F1 Datasheet HTML 47Page - STMicroelectronics PSD913F1 Datasheet HTML 48Page - STMicroelectronics PSD913F1 Datasheet HTML 49Page - STMicroelectronics PSD913F1 Datasheet HTML 50Page - STMicroelectronics PSD913F1 Datasheet HTML 51Page - STMicroelectronics PSD913F1 Datasheet HTML 52Page - STMicroelectronics PSD913F1 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 94 page
background image
Preliminary Information
PSD9XX Family
45
The
PSD9XX
Functional
Blocks
(cont.)
Control
Direction
Defined In
Register
Register
Mode
PSDsoft
Setting
Setting
at Run-Time
at Run-Time
MCU I/O
Declare pins only
0
1 = output,
0 = input,
PLD I/O
Logic or chip
NA
select equations
Data Port
Selected for MCU
NA
NA
(Port A)
with non-mux bus
Address Out
Declare pins only
1
1
(Port A,B)
Address In
Declare pins only
NA
NA
(Port A,B,C,D)
JTAG ISP
Declare pins only
NA
NA
Table 21. Port Operating Mode Settings
*NA = Not Applicable
9.4.2.1 MCU I/O Mode
In the MCU I/O Mode, the microcontroller uses the PSD9XX ports to expand its own
I/O ports. By setting up the CSIOP space, the ports on the PSD9XX are mapped into the
microcontroller address space. The addresses of the ports are listed in Table 7.
A port pin can be put into MCU I/O mode by writing a ‘0’ to the corresponding bit in the
Control Register. The MCU I/O direction may be changed by writing to the corresponding
bit in the Direction Register. See the subsection on the Direction Register in the “Port
Registers” section. When the pin is configured as an output, the content of the Data Out
Register drives the pin. When configured as an input, the microcontroller can read the port
input through the Data In buffer. See Figure 19.
Ports C and D do not have Control Registers, and are in MCU I/O mode by default. They
can be used for PLD I/O if they are specified in PSDsoft.
9.4.2.2 PLD I/O Mode
The PLD I/O Mode uses a port as an input to the PLDs, and/or as an output from the
GPLD. The corresponding bit in the Direction Register must not be set to ‘1’ if the pin is
defined as a PLD input pin in PSDsoft. The PLD I/O Mode is specified in PSDsoft by
declaring the port pins, and then specifying an equation in PSDsoft.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com