Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH340 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSH340
Description  320MHz Single Supply Video Buffer with Low In/Out Rail
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH340 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSH340 Datasheet HTML 3Page - STMicroelectronics TSH340 Datasheet HTML 4Page - STMicroelectronics TSH340 Datasheet HTML 5Page - STMicroelectronics TSH340 Datasheet HTML 6Page - STMicroelectronics TSH340 Datasheet HTML 7Page - STMicroelectronics TSH340 Datasheet HTML 8Page - STMicroelectronics TSH340 Datasheet HTML 9Page - STMicroelectronics TSH340 Datasheet HTML 10Page - STMicroelectronics TSH340 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Electrical Characteristics
TSH340
7/13
Figure 19. Supply current vs. temperature
Figure 20. Output lower rail vs. temperature
Figure 21. Output higher rail vs. temperature
-40
-20
0
2040
6080
7
8
9
10
11
12
Vcc=5V
no Load
Temperature (°C)
-40
-20
0
20406080
0,00
0,02
0,04
0,06
0,08
0,10
Vcc=5V
Load=150
Temperature (°C)
-40
-20
0
20406080
3,50
3,75
4,00
4,25
4,50
Vcc=5V
Load=150
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com