Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

21152 Datasheet(PDF) 21 Page - Intel Corporation

Part # 21152
Description  PCI-to-PCI Bridge
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

21152 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 21152 Datasheet HTML 17Page - Intel Corporation 21152 Datasheet HTML 18Page - Intel Corporation 21152 Datasheet HTML 19Page - Intel Corporation 21152 Datasheet HTML 20Page - Intel Corporation 21152 Datasheet HTML 21Page - Intel Corporation 21152 Datasheet HTML 22Page - Intel Corporation 21152 Datasheet HTML 23Page - Intel Corporation 21152 Datasheet HTML 24Page - Intel Corporation 21152 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 148 page
background image
21152 PCI-to-PCI Bridge Preliminary Datasheet
2-5
Signal Pins
2.2
Secondary PCI Bus Interface Signals
Table 2-4 describes the secondary PCI bus interface signals.
Table 2-4.
Secondary PCI Bus Interface Signals (Sheet 1 of 2)
Signal Name
Type
Description
s_ad<31:0>
TS
Secondary PCI interface address/data. These signals are a multiplexed
address and data bus. During the address phase or phases of a transaction, the
initiator drives a physical address on s_ad<31:0>. During the data phases of a
transaction, the initiator drives write data, or the target drives read data, on
s_ad<31:0>. When the secondary PCI bus is idle, the 21152 drives s_ad to a
valid logic level when its secondary bus grant is asserted.
s_cbe_l<3:0>
TS
Secondary PCI interface command/byte enables. These signals are a
multiplexed command field and byte enable field. During the address phase or
phases of a transaction, the initiator drives the transaction type on s_cbe_l<3:0>.
When there are two address phases, the first address phase carries the dual
address command and the second address phase carries the transaction type. For
both read and write transactions, the initiator drives byte enables on s_cbe_l<3:0>
during the data phases. When the secondary PCI bus is idle, the 21152 drives
s_cbe_l to a valid logic level when its secondary bus grant is asserted.
s_par
TS
Secondary PCI interface parity. Signal s_par carries the even parity of the 36
bits of s_ad<31:0> and s_cbe_l<3:0> for both address and data phases. Signal
s_par is driven by the same agent that has driven the address (for address
parity) or the data (for data parity). Signal s_par contains valid parity one cycle
after the address is valid (indicated by assertion of s_frame_l), or one cycle after
data is valid (indicated by assertion of s_irdy_l for write transactions and
s_trdy_l for read transactions). Signal s_par is driven by the device driving read
or write data one cycle after s_ad is driven. Signal s_par is tristated one cycle
after the s_ad lines are tristated. Devices receive data sample s_par as an input
to check for possible parity errors. When the secondary PCI bus is idle, the 21152
drives s_par to a valid logic level when its secondary bus grant is asserted (one
cycle after the s_ad bus is parked).
s_frame_l
STS
Secondary PCI interface FRAME#. Signal s_frame_l is driven by the initiator of
a transaction to indicate the beginning and duration of an access on the
secondary PCI bus. Signal s_frame_l assertion (falling edge) indicates the
beginning of a PCI transaction. While s_frame_l remains asserted, data transfers
can continue. The deassertion of s_frame_l indicates the final data phase
requested by the initiator. When the secondary PCI bus is idle, s_frame_l is
driven to a deasserted state for one cycle and then is sustained by an external
pull-up resistor.
s_irdy_l
STS
Secondary PCI interface IRDY#. Signal s_irdy_l is driven by the initiator of a
transaction to indicate the initiator’s ability to complete the current data phase on
the secondary PCI bus. During a write transaction, assertion of s_irdy_l indicates
that valid write data is being driven on the s_ad bus. During a read transaction,
assertion of s_irdy_l indicates that the initiator is able to accept read data for the
current data phase. Once asserted during a given data phase, s_irdy_l is not
deasserted until the data phase completes. When the secondary bus is idle,
s_irdy_l is driven to a deasserted state for one cycle and then is sustained by an
external pull-up resistor.
s_trdy_l
STS
Secondary PCI interface TRDY#. Signal s_trdy_l is driven by the target of a
transaction to indicate the target’s ability to complete the current data phase on
the secondary PCI bus. During a write transaction, assertion of s_trdy_l indicates
that the target is able to accept write data for the current data phase. During a
read transaction, assertion of s_trdy_l indicates that the target is driving valid
read data on the s_ad bus. Once asserted during a given data phase, s_trdy_l is
not deasserted until the data phase completes. When the secondary bus is idle,
s_trdy_l is driven to a deasserted state for one cycle and then is sustained by an
external pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com