| Electronic Components Datasheet Search |
|
PSD835G2-90UI Datasheet(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD835G2-90UI Datasheet(HTML) 55 Page - STMicroelectronics |
|
55 / 110 page ![]() PSD8XX Family PSD835G2 54 The PSD835G2 Functional Blocks (cont.) 9.4.2 Port Operating Modes The I/O Ports have several modes of operation. Some modes can be defined using PSDsoft, some by the microcontroller writing to the Registers in CSIOP space, and some by both. The modes that can only be defined using PSDsoft must be programmed into the device and cannot be changed unless the device is reprogrammed. The modes that can be changed by the microcontroller can be done so dynamically at run-time. The PLD I/O, Data Port, Address Input, Peripheral I/O and MCU Reset modes are the only modes that must be defined before programming the device. All other modes can be changed by the microcontroller at run-time. Table 16 summarizes which modes are available on each port. Table 17 shows how and where the different modes are configured. Each of the port operating modes are described in the following subsections. Port Mode Port A Port B Port C Port D Port E Port F Port G MCU I/O Yes Yes Yes Yes Yes Yes Yes PLD I/O McellA Outputs Yes No No No No No No McellB Outputs No Yes No No No No No Additional Ext. CS Outputs No No Yes No No Yes No PLD Inputs Yes Yes Yes Yes No Yes No Address Out No No No No Yes Yes Yes (A7-0) (A7-0) (A7-0) or (A15-8) Address In Yes Yes Yes Yes No Yes No Data Port No No No No No Yes No Peripheral I/O No No No No No Yes No JTAG ISP No No No No Yes* No No Table 16. Port Operating Modes *Can be multiplexed with other I/O functions. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |