Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBO08-40G Datasheet(PDF) 9 Page - STMicroelectronics

Part # RBO08-40G
Description  REVERSEDBATTERYAND OVERVOLTAGEPROTECTIONCIRCUITRBO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RBO08-40G Datasheet(HTML) 9 Page - STMicroelectronics

Back Button RBO08-40G Datasheet HTML 5Page - STMicroelectronics RBO08-40G Datasheet HTML 6Page - STMicroelectronics RBO08-40G Datasheet HTML 7Page - STMicroelectronics RBO08-40G Datasheet HTML 8Page - STMicroelectronics RBO08-40G Datasheet HTML 9Page - STMicroelectronics RBO08-40G Datasheet HTML 10Page - STMicroelectronics RBO08-40G Datasheet HTML 11Page - STMicroelectronics RBO08-40G Datasheet HTML 12Page - STMicroelectronics RBO08-40G Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SOLDERING RECOMMENDATION
The
soldering process causes
considerable
thermal stress to a semiconductor component.
This has to be minimized to assure a reliable and
extended lifetime of the device. The PowerSO-10
package can
be
exposed to
a
maximum
temperature of 260
°C for 10 seconds. However a
proper soldering of the package could be done at
215
°C for 3 seconds. Any solder temperature
profile should be within these limits. As reflow
techniques are most common in surface mounting,
typical heating profiles are given in Figure 1,either
for mounting on FR4 or on metal-backed boards.
For each particular board, the appropriate heat
profile has to be adjusted experimentally. The
present proposal is just a starting point. In any
case, the following precautions have to be
considered :
- always preheat the device
- peak temperature should be at least 30
°C
higher than the melting point of the solder
alloy chosen
- thermal capacity of the base substrate
Voids pose a difficult reliability problem for large
surface mount devices. Such voids under the
package result in poor thermal contact and the
high thermal resistance leads to component
failures. The PowerSO-10 is designed from
scratch to be solely a surface mount package,
hence symmetry in the x- and y-axis gives the
package excellent weight balance. Moreover, the
PowerSO-10 offers the unique possibility to control
easily the flatness and quality of the soldering
process. Both the top and the bottom soldered
edges of the package are accessible for visual
inspection (soldering meniscus).
Coplanarity between the substrate and
the
package can be easily verified. The quality of the
solder joints is very important for two reasons : (I)
poor quality solder joints result directly in poor
reliability
and (II) solder thickness affects the
thermal resistance significantly. Thus a tight
control of this parameter results in thermally
efficient and reliable solder joints.
Fig. 1 : Typical reflow soldering heat profile
Time (s)
Temperature ( C)
0
40
80
120
160
200
240
280
320
360
0
50
100
150
200
250
o
215 C
o
Soldering
Preheating
Cooling
245 C
o
Epoxy FR4
board
Metal-backed
board
®
RBO08-40G / RBO08-40M / RBO08-40T
9/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com