Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

425-6402 Datasheet(PDF) 1 Page - Pro-Signal

Part # 425-6402
Description  Educational Headphones Microphone
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

425-6402 Datasheet(HTML) 1 Page - Pro-Signal

  425-6402 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Educational Headphones + Microphone
A strong and durable headset with an adjustable,
padded headband, ear cushions, boom micro-
phone and a 1.2m lead with 2 x 6.35mm (1/4")
mono jack plugs for seperate headphone and
microphone connections.
Driver
Impedance
Impedance
Frequency
Unit
Headphones
Microphone
Response
Ø40mm Mylar
64Ω
200Ω
20Hz to 20kHz
246195
Price Each
Order Code
425-6402


Similar Part No. - 425-6402

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
425-6426 PROSIGNAL-425-6426 Datasheet
28Kb / 1P
Stereo Headphone Amplifier
More results

Similar Description - 425-6402

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9851 MAXIM-MAX9851 Datasheet
1Mb / 71P
Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
Rev 1; 8/06
logo
rfsolutions.ltd
SA2 RFSOLUTIONS-SA2 Datasheet
676Kb / 2P
Stereo headphones amplifier
logo
Laird Tech Smart Techno...
S5153WBPX LSTD-S5153WBPX Datasheet
385Kb / 1P
Educational or industrial campuses
S2401240P12NF LSTD-S2401240P12NF Datasheet
246Kb / 1P
Industrial and educational campuses
SR51120D12SMF LSTD-SR51120D12SMF Datasheet
267Kb / 1P
Educational and industrial campuses
logo
Good Will Instrument Co...
GDS-1000A-U GWINSTEK-GDS-1000A-U Datasheet
3Mb / 2P
Laboratories and Educational Facilities
GDS-1000B GWINSTEK-GDS-1000B Datasheet
2Mb / 2P
Educational Market - General Purpose Instruction
logo
M-System Co.,Ltd.
MSPKITA MSYSTEM-MSPKITA Datasheet
318Kb / 3P
Educational Series 1/1000 RESOLUTION DEMO KIT
logo
Maxim Integrated Produc...
MAX9851 MAXIM-MAX9851_V01 Datasheet
1Mb / 71P
Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
2007
logo
Schneider Electric
VJDEDUSTU855 SCHNEIDER-VJDEDUSTU855 Datasheet
90Kb / 2P
Vijeo Designer - configuration software - Educational Kit - V6.0
Jan 20, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com