Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD813F1 Datasheet(PDF) 88 Page - STMicroelectronics

Part # PSD813F1
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button PSD813F1 Datasheet HTML 84Page - STMicroelectronics PSD813F1 Datasheet HTML 85Page - STMicroelectronics PSD813F1 Datasheet HTML 86Page - STMicroelectronics PSD813F1 Datasheet HTML 87Page - STMicroelectronics PSD813F1 Datasheet HTML 88Page - STMicroelectronics PSD813F1 Datasheet HTML 89Page - STMicroelectronics PSD813F1 Datasheet HTML 90Page - STMicroelectronics PSD813F1 Datasheet HTML 91Page - STMicroelectronics PSD813F1 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 120 page
background image
-90
-12
15
PT
TURBO
Symbol
Parameter
Conditions
Min
Max
Min
Max
Min
Max
Aloc
OFF
*
Unit
tIS
Input Setup Time
(Note 1)
0
0
0
ns
tIH
Input Hold Time
(Note 1)
20
22
26
Add 10
ns
tINH
NIB Input High Time
(Note 1)
12
15
18
ns
tINL
NIB Input Low Time
(Note 1)
12
15
18
ns
tINO
NIB Input to Combinatorial Delay
(Note 1)
46
50
59
Add 2
Add 10
ns
Input Micro
⇔Cell Timing (5 V ± 10% Versions)
NOTE: 1. Inputs from Port A, B, and C relative to register/latch clock from the PLD. ALE/AS latch timings refer to tAVLX and tLXAX.
*ZPSD versions only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com