Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD813F1 Datasheet(PDF) 117 Page - STMicroelectronics

Part # PSD813F1
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button PSD813F1 Datasheet HTML 112Page - STMicroelectronics PSD813F1 Datasheet HTML 113Page - STMicroelectronics PSD813F1 Datasheet HTML 114Page - STMicroelectronics PSD813F1 Datasheet HTML 115Page - STMicroelectronics PSD813F1 Datasheet HTML 116Page - STMicroelectronics PSD813F1 Datasheet HTML 117Page - STMicroelectronics PSD813F1 Datasheet HTML 118Page - STMicroelectronics PSD813F1 Datasheet HTML 119Page - STMicroelectronics PSD813F1 Datasheet HTML 120Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 117 / 120 page
background image
Part #
MCU
PLDs/Decoders
I/O
Memory
Other
PSD
PSD
Data Path
PLD Inputs
Ports Flash Program Store
JTAG
@
@
Interface
Input Micro
⇔Cells
OTP EPROM Boot
Parallel ISP
5 V
3 V
Output
EEPROM/EEPROM Boot
ISP Flash
Micro
⇔Cells
2nd Flash Boot
ISP CPLD
PLD Outputs
SRAM
Periph. Mode
Page
(w/BB)
Security
Reg.
PMU
APD
PSD813F1
PSD813F1V
8
PLUS1
73 24 16
19
8-Bit
27
1024Kb
256Kb
16Kb
X
X
X
X
X
X
X
X
PSD813F2
PSD813F2V
8
PLUS1
73 24 16
19
8-Bit
27
1024Kb
256Kb 16Kb
X
X
X
X
X
X
X
X
PSD813F3
PSD813F3V
8
PLUS1
73 24 16
19
8-Bit
27
1024Kb
16Kb
X
X
X
X
X
X
X
X
PSD813F4
PSD813F4V
8
PLUS1
73 24 16
19
8-Bit
27
1024Kb
256Kb
X
X
X
X
X
X
X
X
PSD813F5
PSD813F5V
8
PLUS1
73 24 16
19
8-Bit
27
1024Kb
X
X
X
X
X
X
X
X
Selector Guide – PSD813F1-A
Legend:
ZPSD
= Zero Power version available at 4.5 V to 5.5 V VCC (Example: ZPSD311-15J).
ZPSDV = Zero Power version available at 2.7 V to 5.5 V VCC (Example: ZPSD311V-25J). 2.7 V to 3.6 V VCC on PSD8XXF family.
STD
= Standard MCU interfaces supported (Multiplexed and Non-Multiplexed).
STD-M = Standard MCU interfaces supported (Multiplexed only).
PLUS
= New Intel 80C251 and Philips 80C51XA supported plus all standard MCUs.
w/BB
= Battery backed-up SRAM.
APD
= Automatic Power Down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com