Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6041LDWR Datasheet(PDF) 39 Page - Texas Instruments

Part # ISO6041LDWR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6041LDWR Datasheet(HTML) 39 Page - Texas Instruments

Back Button ISO6041LDWR Datasheet HTML 35Page - Texas Instruments ISO6041LDWR Datasheet HTML 36Page - Texas Instruments ISO6041LDWR Datasheet HTML 37Page - Texas Instruments ISO6041LDWR Datasheet HTML 38Page - Texas Instruments ISO6041LDWR Datasheet HTML 39Page - Texas Instruments ISO6041LDWR Datasheet HTML 40Page - Texas Instruments ISO6041LDWR Datasheet HTML 41Page - Texas Instruments ISO6041LDWR Datasheet HTML 42Page - Texas Instruments ISO6041LDWR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
9.4.2 Layout Example
I/O pins
routed on top
or on
alternate
layers (with
vias)
Solid ground
planes reduce
ground
inductance and
dissipate heat
through PCB
Solid supply islands reduce
inductance because large
peak currents flow into the
VCC pin
1
2
3
4
5
7
8
16
9
6
15
14
13
12
10
11
GND2
GND1
Ground
Plane
(2
nd Layer)
Ground
Plane
(2
nd Layer)
GND1
GND2
EN1
EN2
0.1µF capacitance
0.5mm maximum from
VCC1 to GND1, low
inductance vias to
ground plane
0.1µF capacitance
0.5mm maximum from
VCC2 to GND2, low
inductance vias to
ground plane
low inductance vias to
ground plane at GND
pins
low inductance vias to
ground plane at GND
pins
VCC1
VCC2
Figure 9-8. Layout Example
10 mils
10 mils
40 mils
FR-4
0r ~ 4.5
Keep this
space free
from planes,
traces, pads,
and vias
Ground plane
Power plane
Low-speed traces
High-speed traces
Figure 9-9. Layout Example PCB cross section
www.ti.com
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com