Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6040LDFPR Datasheet(PDF) 3 Page - Texas Instruments

Part # ISO6040LDFPR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6040LDFPR Datasheet(HTML) 3 Page - Texas Instruments

  ISO6040LDFPR Datasheet HTML 1Page - Texas Instruments ISO6040LDFPR Datasheet HTML 2Page - Texas Instruments ISO6040LDFPR Datasheet HTML 3Page - Texas Instruments ISO6040LDFPR Datasheet HTML 4Page - Texas Instruments ISO6040LDFPR Datasheet HTML 5Page - Texas Instruments ISO6040LDFPR Datasheet HTML 6Page - Texas Instruments ISO6040LDFPR Datasheet HTML 7Page - Texas Instruments ISO6040LDFPR Datasheet HTML 8Page - Texas Instruments ISO6040LDFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
4 Device Comparison
Table 4-1. Device Comparison Table
DEVICE NAME
TOTAL
CHANNELS
REVERSE
CHANNELS
DEFAULT
OUTPUT
PACKAGE
CREEPAGE &
CLEARANCE
VDE RATING
UL VISO
ISO6040HDWR
4
0
HIGH
Wide-SOIC
(DW-16)
>8.15mm
Reinforced
5000VRMS
ISO6040LDWR
LOW
ISO6041HDWR
1
HIGH
ISO6041LDWR
LOW
ISO6042HDWR
2
HIGH
ISO6042LDWR
LOW
ISO6040HDFPR
4
0
HIGH
Wide-SSOP
(DFP-16)
>8mm
Reinforced
5000VRMS
ISO6040LDFPR
LOW
ISO6041HDFPR
1
HIGH
ISO6041LDFPR
LOW
ISO6042HDFPR
2
HIGH
ISO6042LDFPR
LOW
ISO6040HDBQR
4
0
HIGH
SSOP
(DBQ-16)
>3.7mm
Reinforced
3000VRMS
ISO6040LDBQR
LOW
ISO6041HDBQR
1
HIGH
ISO6041LDBQR
LOW
ISO6042HDBQR
2
HIGH
ISO6042LDBQR
LOW
ISO60 Xx Y PKG R
Package Designator
D = SOIC
DBQ = SSOP
DFB = SSOP
DFP = Wide-SSOP
DW = Wide-SOIC
Tape & Reel
Y = Default Output Level:
H = default output HIGH
L = default output LOW
X = Total number of channels
x = Number of reverse channels
Digital Isola on Family
Figure 4-1. Device Nomenclature
www.ti.com
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com